Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ55 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ILQ55
Description  Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ55 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button ILQ55_V01 Datasheet HTML 2Page - Vishay Siliconix ILQ55_V01 Datasheet HTML 3Page - Vishay Siliconix ILQ55_V01 Datasheet HTML 4Page - Vishay Siliconix ILQ55_V01 Datasheet HTML 5Page - Vishay Siliconix ILQ55_V01 Datasheet HTML 6Page - Vishay Siliconix ILQ55_V01 Datasheet HTML 7Page - Vishay Siliconix ILQ55_V01 Datasheet HTML 8Page - Vishay Siliconix ILQ55_V01 Datasheet HTML 9Page - Vishay Siliconix ILQ55_V01 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IL30, ILD55, ILQ30, ILQ31, ILQ55
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 20-Sep-2021
6
Document Number: 83621
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIP-8
DIP-16
PIN ONE I.D.
1
8
4
23
6
75
10.20 max.
9.75 ± 0.15
2.54 typ.
1.27 ± 0.10
0.50 ± 0.10
0.70 min.
7.62 typ.
6.60 ± 0.25
0.25 ± 0.10
3° to 9°
PIN ONE I.D.
16
1
9
10
11
12
13
14
15
8
7
6
5
4
3
2
7.62 typ.
6.60 ± 0.25
0.25 ± 0.10
3° to 9°
20.30 max.
19.90 ± 0.15
0.70 min.
2.54 typ.
1.27 ± 0.10
0.50 ± 0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com