Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMCS1206DT1M02-PD Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # RMCS1206DT1M02-PD
Description  High Sulfur Resistant Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCS1206DT1M02-PD Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  RMCS1206DT1M02-PD Datasheet HTML 1Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev Date: 07/22/2020
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCS-PD Series
High Sulfur Resistant Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Inner terminations and layers engineered to deter sulfur contamination
•
Non-standard resistance values may be available
•
Operating temperature range from -55ºC to +155ºC
•
Zero ohm available
•
“-PD” denotes >12% palladium inner termination
•
RoHS compliant and halogen free
Electrical Specifications
Mechanical Specifications
Electrical Specifications - Jumper
0.5%
1%
5%
±400
-
1 - 9.76
1 - 9.1
±100
10 - 1M
10 - 10M
10 - 10M
±400
-
1 - 9.76
1 - 9.1
±100
10 - 1M
10 - 10M
10 - 10M
±400
-
1 - 9.76
1 - 9.1
±100
10 - 1M
10 - 10M
10 - 10M
±400
-
1 - 9.76
1 - 9.1
±100
10 - 1M
10 - 10M
10 - 10M
±400
-
1 - 9.76
1 - 9.1
±100
10 - 1M
10 - 10M
10 - 10M
±400
-
1 - 9.76
1 - 9.1
±100
10 - 1M
10 - 10M
10 - 10M
±400
-
1 - 9.76
1 - 9.1
±100
10 - 1M
10 - 10M
10 - 10M
±400
-
1 - 9.76
1 - 9.1
±100
10 - 1M
10 - 10M
10 - 10M
±400
-
1 - 9.76
1 - 9.1
±100
10 - 1M
10 - 10M
10 - 10M
(1) Lesser of √P*R or maximum working voltage, whichever is lower.
(2) 2.5* √P*R or Max. Overload Voltage listed above, whichever is lower.
Maximum Overload
Voltage (V)
(2)
Ohmic Range (Ω) and Tolerance
Maximum Working
Voltage (V)
(1)
Type / Code
TCR (ppm/ºC)
Power Rating (W)
@ 70ºC
RMCS0805…-PD
0.125
150
300
RMCS0402…-PD
0.063
50
100
RMCS0603…-PD
0.1
75
150
RMCS1210…-PD
0.5
200
400
RMCS1206…-PD
0.25
200
400
RMCS2512…-PD
1
200
400
RMCS1218…-PD
1
200
400
RMCS1812…-PD
0.75
200
400
RMCS2010…-PD
0.75
200
400
Size
0402
0603
0805
1206
1210
1218
1812
2010
2512
Rated Current (A)
Resistance Value (Ω)
0.05 max.
1
2
0.039 ± 0.004
0.020 ± 0.002
0.012 ± 0.002
0.006 ± 0.004
0.008 ± 0.004
inches
1.00 ± 0.10
0.50 ± 0.05
0.30 ± 0.05
0.15 ± 0.10
0.20 ± 0.10
mm
0.063 ± 0.008
0.031 ± 0.006
0.016 ± 0.004
0.012 ± 0.008
0.012 ± 0.004
inches
1.60 ± 0.20
0.80 ± 0.15
0.40 ± 0.10
0.30 ± 0.20
0.30 ± 0.10
mm
H
Type/Code
Bottom Termination
Body Length
Body Width
Body Height
Top Termination
Unit
L
W
L1
L2
RMCS0402…-PD
RMCS0603…-PD


Similar Part No. - RMCS1206DT1M02-PD

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RMCS1206DT1M02-HP SEI-RMCS1206DT1M02-HP Datasheet
434Kb / 6P
Sulfur Resistant Thick Film Chip Resistor
7/5/2022
More results

Similar Description - RMCS1206DT1M02-PD

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
Sulfur Resistant Thick Film Chip Resistors
NRCS NIC-NRCS Datasheet
112Kb / 4P
Sulfur Resistant Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CAY06-AS BOURNS-CAY06-AS Datasheet
429Kb / 2P
Sulfur-Resistant Thick Film Chip Arrays
CAY10-AS BOURNS-CAY10-AS Datasheet
582Kb / 3P
Sulfur-Resistant Thick Film Chip Arrays
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
logo
Riedon Powertron
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
Sulfur Resistant Thick Film Chip Resistors
04-Jul-2022
logo
Stackpole Electronics, ...
RMCS SEI-RMCS Datasheet
434Kb / 6P
Sulfur Resistant Thick Film Chip Resistor
7/5/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com