Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494ING Datasheet(PDF) 2 Page - ON Semiconductor

Part # TL494ING
Description  Switch mode Pulse Width Modulation Control Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494ING Datasheet(HTML) 2 Page - ON Semiconductor

  TL494ING Datasheet HTML 1Page - ON Semiconductor TL494ING Datasheet HTML 2Page - ON Semiconductor TL494ING Datasheet HTML 3Page - ON Semiconductor TL494ING Datasheet HTML 4Page - ON Semiconductor TL494ING Datasheet HTML 5Page - ON Semiconductor TL494ING Datasheet HTML 6Page - ON Semiconductor TL494ING Datasheet HTML 7Page - ON Semiconductor TL494ING Datasheet HTML 8Page - ON Semiconductor TL494ING Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TL494, NCV494
www.onsemi.com
2
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
7.0
15
40
V
Collector Output Voltage
VC1, VC2
−
30
40
V
Collector Output Current (Each transistor)
IC1, IC2
−
−
200
mA
Amplified Input Voltage
Vin
−0.3
−
VCC − 2.0
V
Current Into Feedback Terminal
lfb
−
−
0.3
mA
Reference Output Current
lref
−
−
10
mA
Timing Resistor
RT
1.8
30
500
kW
Timing Capacitor
CT
0.0047
0.001
10
mF
Oscillator Frequency
fosc
1.0
40
200
kHz
ELECTRICAL CHARACTERISTICS (VCC = 15 V, CT = 0.01 mF, RT = 12 kW, unless otherwise noted.)
For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies, unless otherwise noted.
Characteristics
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Voltage (IO = 1.0 mA)
Vref
4.75
5.0
5.25
V
Line Regulation (VCC = 7.0 V to 40 V)
Regline
−
2.0
25
mV
Load Regulation (IO = 1.0 mA to 10 mA)
Regload
−
3.0
15
mV
Short Circuit Output Current (Vref = 0 V)
ISC
15
35
75
mA
OUTPUT SECTION
Collector Off−State Current
(VCC = 40 V, VCE = 40 V)
IC(off)
−
2.0
100
mA
Emitter Off−State Current
VCC = 40 V, VC = 40 V, VE = 0 V)
IE(off)
−
−
−100
mA
Collector−Emitter Saturation Voltage (Note 2)
Common−Emitter (VE = 0 V, IC = 200 mA)
Emitter−Follower (VC = 15 V, IE = −200 mA)
Vsat(C)
Vsat(E)
−
−
1.1
1.5
1.3
2.5
V
Output Control Pin Current
Low State (VOC v 0.4 V)
High State (VOC = Vref)
IOCL
IOCH
−
−
10
0.2
−
3.5
mA
mA
Output Voltage Rise Time
Common−Emitter (See Figure 12)
Emitter−Follower (See Figure 13)
tr
−
−
100
100
200
200
ns
Output Voltage Fall Time
Common−Emitter (See Figure 12)
Emitter−Follower (See Figure 13)
tf
−
−
25
40
100
100
ns
2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com