Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPCA Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # RPCA
Description  Automotive Grade Surge Withstanding Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPCA Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  RPCA Datasheet HTML 1Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 2Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 3Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 4Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 5Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 6Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 7Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 8Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev Date: 8/11/2022
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPCA Series
Automotive Grade Surge Withstanding Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Soldering Condition:
Reflow Profiles
Profile Feature
Pb-Free Assembly
Preheat:
Min. temperature (Tsmin)
150°C
Max. temperature (Tsmax)
200°C
Preheating time (ts) from Tsmin to Tsmax
60-120 seconds
Ramp-up rate (TL to TP)
3°C/second max
Liquidous temperature (TL)
217°C
Time (tL) maintained above TL
60-150 seconds
Min. peak temperature (Tp min)
235°C
Max. peak temperature (Tp max)
260°C
Time (tp) within 5°C of the specified classification temperature (Tc)
30 seconds max.
Ramp-down rate (TL to TP)
6°C/second max.
Time 25°C to peak temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com