Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAVF328R Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # RAVF328R
Description  Convex Termination Chip Resistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RAVF328R Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  RAVF328R Datasheet HTML 1Page - Stackpole Electronics, Inc. RAVF328R Datasheet HTML 2Page - Stackpole Electronics, Inc. RAVF328R Datasheet HTML 3Page - Stackpole Electronics, Inc. RAVF328R Datasheet HTML 4Page - Stackpole Electronics, Inc. RAVF328R Datasheet HTML 5Page - Stackpole Electronics, Inc. RAVF328R Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev Date: 7/30/2021
6
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RAVF Series
Convex Termination Chip Resistor Array
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R
A
V
F
1
6
4
D
J
T
1
0
K
0
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
Resistance Value
Code
Description
Code
W
Code
Tol
Value
Code
Description
Size
Quantity
102D
0.063
F
1%
102D, 104D
10000
104D
0.063
G
2%
162D, 164D, 168D
162D
0.063
J
5%
328N, 328R
164D
0.1
Z
jumper
324D
4000
10 ohm = 10R0
168D
0.063
10.2 Kohm = 10K2
324D
0.125
1 Mohm = 1M00
328N
0.063
Zero ohm jumper = 0R00
328R
0.063
D = Isolated
N = Bussed
R = Bussed
Note (1): 1% tolerance is available in E24 values only.
E96 values are generally not available. Contact Stackpole for details.
Size
Four characters with the
multiplier used as the
decimal holder.
Packaging
5000
Convex
Termination
RAVF
Tolerance
(1)
E24
Product Series
Tape and Reel
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com