Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NWWP3JB2K00 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # NWWP3JB2K00
Description  Pulse Withstanding Wirewound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

NWWP3JB2K00 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  NWWP3JB2K00 Datasheet HTML 1Page - Stackpole Electronics, Inc. NWWP3JB2K00 Datasheet HTML 2Page - Stackpole Electronics, Inc. NWWP3JB2K00 Datasheet HTML 3Page - Stackpole Electronics, Inc. NWWP3JB2K00 Datasheet HTML 4Page - Stackpole Electronics, Inc. NWWP3JB2K00 Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev Date: 5/24/2021
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WWP Series
Pulse Withstanding Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Special materials and processing to maximize surge handling
•
High performance for low cost
•
High power to size ratio
•
Complete welded terminations
•
Tinned copper leads
•
High temperature silicone coating
•
NWWP non-inductive pulse withstanding wirewound available
•
Meets UL94V-0
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications
Mechanical Specifications
Performance Characteristics
Test
Test Specification
Moisture Resistance
1% max
Load Life
1%
Temperature Cycling
0.5%
Short Time Overload
1%
Operating temperature range is -55°C to +275°C
Dielectric
Ohmic Range (Ω) and Tolerance
Strength (V)
5% & 10%
WWP3
1000
3
0.1 - 10K
WWP5
1000
5
0.1 - 10K
WWP7
1000
7
0.1 - 10K
WWP10
1000
10
0.1 - 10K
Power Rating (W)
@ 70°C
Note: Contact Stackpole for non-inductive designs (NWWP)
TCR
(ppm/ºC)
Type/Code
Max Voltage Rating =
< 1 Ω = ±90 ppm/ºC
1 Ω to 10 Ω = ±50 ppmºC
> 10 Ω = ±20 ppm/ºC
√P*R
0.560 ± 0.062
0.187 ± 0.031
0.032 ± 0.002
1.500 Typical
inches
14.22 ± 1.57
4.75 ± 0.79
0.81 ± 0.05
38.10 Typical
mm
0.875 ± 0.062
0.312 ± 0.031
0.036 ± 0.002
1.500 Typical
inches
22.23 ± 1.57
7.92 ± 0.79
0.91 ± 0.05
38.10 Typical
mm
1.025 ± 0.062
0.312 ± 0.031
0.036 ± 0.002
1.500 Typical
inches
26.04 ± 1.57
7.92 ± 0.79
0.91 ± 0.05
38.10 Typical
mm
1.780 ± 0.062
0.375 ± 0.031
0.040 ± 0.002
1.500 Typical
inches
45.21 ± 1.57
9.53 ± 0.79
1.02 ± 0.05
38.10 Typical
mm
WWP10
D
(Bulk)
Units
A
B
C
Type/Code
WWP3
WWP5
WWP7


Similar Part No. - NWWP3JB2K00

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
NWW SEI-NWW Datasheet
460Kb / 7P
General Purpose and Precision Wirewound Resistor
11/29/2021
NWW10BB10K0 SEI-NWW10BB10K0 Datasheet
373Kb / 7P
WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
NWW10BB1R00 SEI-NWW10BB1R00 Datasheet
373Kb / 7P
WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
NWW10BBR500 SEI-NWW10BBR500 Datasheet
373Kb / 7P
WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
NWW10BT10K0 SEI-NWW10BT10K0 Datasheet
373Kb / 7P
WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
More results

Similar Description - NWWP3JB2K00

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-4R7J1 RIEDON-PCR0805-4R7J1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-47KJ1 RIEDON-PCR0805-47KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com