| Electronic Components Datasheet Search |
|
RMCS0201 Datasheet(PDF) 3 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RMCS0201 Datasheet(HTML) 3 Page - Stackpole Electronics, Inc. |
|
3 / 6 page ![]() Rev Date: 7/5/2022 3 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. RMCS Series Sulfur Resistant Thick Film Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Power Derating Curve: Packaging Specifications – Paper Tape Type/Code Unit 0.015 ± 0.002 0.027 ± 0.002 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 0.38 ± 0.05 0.68 ± 0.05 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.026 ± 0.006 0.045 ± 0.006 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 0.65 ± 0.15 1.15 ± 0.15 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.043 ± 0.010 0.075 ± 0.010 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 1.10 ± 0.25 1.90 ± 0.25 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.063 ± 0.010 0.094 ± 0.010 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 1.60 ± 0.25 2.40 ± 0.25 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.075 ± 0.008 0.138 ± 0.008 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 1.90 ± 0.20 3.50 ± 0.20 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.110 ± 0.010 0.138 ± 0.008 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 2.80 ± 0.25 3.50 ± 0.20 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm RMCS1210 F RMCS0402 RMCS0603 RMCS0805 RMCS1206 RMCS0201 L M W E Type/Code Unit 0.157 ± 0.004 0.079 ± 0.002 0.079 ± 0.002 0.059 0.017 ± 0.008 inches 4.00 ± 0.10 2.00 ± 0.05 2.00 ± 0.05 1.50 0.42 ± 0.20 mm 0.157 ± 0.004 0.079 ± 0.002 0.079 ± 0.002 0.059 0.018 ± 0.008 inches 4.00 ± 0.10 2.00 ± 0.05 2.00 ± 0.05 1.50 0.45 ± 0.20 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.059 0.028 ± 0.008 inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 0.70 ± 0.20 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.059 0.033 ± 0.008 inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 0.85 ± 0.20 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.059 0.033 ± 0.008 inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 0.85 ± 0.20 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.059 0.030 ± 0.008 inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 0.75 ± 0.20 mm RMCS1210 RMCS1206 RMCS0201 RMCS0402 RMCS0603 RMCS0805 P1 P2 ØD0 K1 P0 +0.10 / -0 +0.004 / -0 +0.004 / -0 +0.10 / -0 +0.004 / -0 +0.004 / -0 +0.10 / -0 +0.10 / -0 +0.004 / -0 +0.10 / -0 +0.004 / -0 +0.10 / -0 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |