Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D13005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D13005
Description  NPN SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D13005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D13005 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
广州金永利电子有限公司
A1
N P N
S I L I C O N
T R A N S I S T O R
13005A
对应国外型号
3DD13005A
█ 主要用途
█ 外形图及引脚排列
高压快速开关
█ 极限值(T
a=25℃)
1―基
极,B
2―集电极,C
3―发射极,E
TO-220
█ 电参数(T
a=25℃)
Tstg——贮存温度………………………………… -55~150℃
Tj——结温…………………………………………… 150℃
PC——集电极功率耗散(Tc=25℃)………………………… 70W
VCBO——集电极—基极电压……………………………… 700V
VCEO——集电极—发射极电压…………………………… 400V
VEBO——发射极—基极电压………………………………… 9V
IC——集电极电流(DC)……………………………………… 4A
IC——集电极电流(脉冲)…………………………………… 8A
IB——基极电流……………………………………………
2A
参数符号
符
号
说
明
最小值
典型值
最大值
单 位
测
试
条
件
BVCEO(sus)
IEBO
hFE
VCE(sat)
VBE(sat)
Cob
fT
ton
ts
tf
集电极—发射极维持电压
*
发射极—基极截止电流
直流电流增益*
集电极—发射极饱和电压*
基极—发射极饱和电压*
共基极输出电容
特征频率
导通时间
载流子贮存时间
下降时间
400
10
8
4
65
1
40
40
0.5
0.6
1
1.2
1.6
0.8
4
0.9
V
mA
V
v
V
V
V
pF
MHz
μs
μs
μs
IC=10mA, IB=0
VEB=9V, IC=0
VCE=5V, IC=1A
VCE=5V, IC=2A
IC=1A, IB=0.2A
IC=2A, IB=0.5A
IC=4A, IB=1A
IC=1A, IB=0.2A
IC=2A, IB=0.5A
VCB=10V, f=0.1MHz
VCE=10V, IC=0.5A
VCC=125V, IC=2A,
IB1=-IB2=0.4A
分档:H1(10--16) H2(14--21) H3(19--26) H4(24--31) H5(29--40)


Similar Part No. - D13005

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D13005 SECOS-D13005 Datasheet
114Kb / 1P
4A , 700V NPN Plastic-Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
D13005 JIANGSU-D13005 Datasheet
286Kb / 3P
TRANSISTOR竊?NPN 竊
logo
JILIN SINO-MICROELECTRO...
D13005 JSMC-D13005 Datasheet
604Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
D13005 JSMC-D13005 Datasheet
506Kb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
D13005 JSMC-D13005 Datasheet
255Kb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - D13005

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com