Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGD0227 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD0227
Description  DUAL 4.0A HIGH SPEED LOW-SIDE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0227 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD0227 Datasheet HTML 1Page - Diodes Incorporated DGD0227 Datasheet HTML 2Page - Diodes Incorporated DGD0227 Datasheet HTML 3Page - Diodes Incorporated DGD0227 Datasheet HTML 4Page - Diodes Incorporated DGD0227 Datasheet HTML 5Page - Diodes Incorporated DGD0227 Datasheet HTML 6Page - Diodes Incorporated DGD0227 Datasheet HTML 7Page - Diodes Incorporated DGD0227 Datasheet HTML 8Page - Diodes Incorporated DGD0227 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DGD0227
Document Number DS40227 Rev. 1 - 2
4 of 11
www.diodes.com
August 2018
© Diodes Incorporated
DGD0227
DC Electrical Characteristics (VBIAS (4.5V < VCC < 18V), @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” Input Voltage
VIH
2.4
V
Logic “0” Input Voltage
VIL
0.7
V
Logic “1” Input Bias Current
IIH+
10
µA
VIN = 3.3V
Logic “0” Input Bias Current
IIH-
10
µA
VIN = 0V
High Level Output Voltage, VBIAS - VO
VOH
30
100
mV
IOUT = -10mA
Low Level Output Voltage
VOL
16
50
mV
IOUT = 10mA
Quiescent VCC Supply Current
ICCQ
40
100
µA
VIN = 0V or 3.3V
Output High Short Circuit Pulsed Current
IO+
4.0
A
VCC = 14V
Output Low Short Circuit Pulsed Current
IO-
4.0
A
VCC = 14V
Output Resistance, High
ROH
1.5
Ω
IOUT = -10mA, VCC = 14V
Output Resistance, Low
ROL
1.0
Ω
IOUT = 10mA, VCC = 14V
Note:
7. The VIN and IIN parameters are applicable to the logic pins; INA and INB. The VO and IO parameters are applicable to the output pins: OUTA and OUTB.
AC Electrical Characteristics (VBIAS (4.5V < VCC < 18V), CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-On Rise Time
tR
20
40
ns
VCC = 14V
Turn-Off Fall Time
tF
20
40
ns
VCC = 14V
Turn-On Propagation Delay
tON
40
100
ns
VCC = 14V
Turn-Off Propagation Delay
tOFF
35
50
ns
VCC = 14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com