Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC6040SSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMC6040SSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC6040SSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMC6040SSD Datasheet HTML 1Page - Diodes Incorporated DMC6040SSD Datasheet HTML 2Page - Diodes Incorporated DMC6040SSD Datasheet HTML 3Page - Diodes Incorporated DMC6040SSD Datasheet HTML 4Page - Diodes Incorporated DMC6040SSD Datasheet HTML 5Page - Diodes Incorporated DMC6040SSD Datasheet HTML 6Page - Diodes Incorporated DMC6040SSD Datasheet HTML 7Page - Diodes Incorporated DMC6040SSD Datasheet HTML 8Page - Diodes Incorporated DMC6040SSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMC6040SSD
Document number: DS36829 Rev. 1 - 2
3 of 9
www.diodes.com
June 2014
© Diodes Incorporated
DMC6040SSD
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
01
2
3
4
5
V= 2.8V
GS
V= 3.0V
GS
V= 4.5V
GS
V= 5.0V
GS
V
= 10V
GS
V= 4.0V
GS
V= 3.5V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
2
4
6
8
10
12
14
16
18
20
1
1.5
2
2.5
3
3.5
4
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0
2468
10
12
14
16
18
20
V
= 4.5V
GS
V
= 10V
GS
I , DRAIN CURRENT (A)
D
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
02
46
8
10 12
14 16
18 20
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 10V
GS
T , JUNCTION TEMPERATURE ( C)
Figure 5 On-Resistance Variation with Temperature
J
°
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100 125 150
V
= 4.5V
I= 5A
GS
D
V=
V
I= 8A
GS
D
10
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
I= 5A
GS
D
V=
V
I= 8A
GS
D
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com