Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH6016LFDFWQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH6016LFDFWQ
Description  60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6016LFDFWQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH6016LFDFWQ Datasheet HTML 1Page - Diodes Incorporated DMTH6016LFDFWQ Datasheet HTML 2Page - Diodes Incorporated DMTH6016LFDFWQ Datasheet HTML 3Page - Diodes Incorporated DMTH6016LFDFWQ Datasheet HTML 4Page - Diodes Incorporated DMTH6016LFDFWQ Datasheet HTML 5Page - Diodes Incorporated DMTH6016LFDFWQ Datasheet HTML 6Page - Diodes Incorporated DMTH6016LFDFWQ Datasheet HTML 7Page - Diodes Incorporated DMTH6016LFDFWQ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMTH6016LFDFWQ
Datasheet number: DS40959 Rev. 4 - 2
2 of 8
www.diodes.com
January 2021
© Diodes Incorporated
DMTH6016LFDFWQ
Marking Information
Date Code Key
Year
2017
2018
2019
2020
2021
2022
2023
2024
Code
E
F
G
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = 10V
TA = +25°C
TA = +100°C
ID
9.4
6.6
A
Pulsed Drain Current (10μs Pulse, Duty Cycle = 1%)
IDM
70
A
Continuous Source-Drain Diode Current (Note 7)
IS
3.0
A
Pulsed Source-Drain Diode Current (10μs Pulse, Duty Cycle = 1%)
ISM
70
A
Avalanche Current, L = 0.1mH
IAS
15.3
A
Avalanche Energy, L = 0.1mH
EAS
11.7
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.06
W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
141
°C/W
Total Power Dissipation (Note 7)
TA = +25°C
PD
2.3
W
Thermal Resistance, Junction to Ambient (Note 7)
RθJA
63
°C/W
Thermal Resistance, Junction to Case (Note 7)
TC = +25°C
RθJC
9.6
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Notes:
6. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
66 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: H = 2020)
M = Month (ex: 9 = September)
66



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com