Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC35681IFTG Datasheet(PDF) 76 Page - Toshiba Semiconductor

Part # TC35681IFTG
Description  TC35681IFTG-002 Bluetooth® Low Energy IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35681IFTG Datasheet(HTML) 76 Page - Toshiba Semiconductor

Back Button TC35681IFTG Datasheet HTML 72Page - Toshiba Semiconductor TC35681IFTG Datasheet HTML 73Page - Toshiba Semiconductor TC35681IFTG Datasheet HTML 74Page - Toshiba Semiconductor TC35681IFTG Datasheet HTML 75Page - Toshiba Semiconductor TC35681IFTG Datasheet HTML 76Page - Toshiba Semiconductor TC35681IFTG Datasheet HTML 77Page - Toshiba Semiconductor TC35681IFTG Datasheet HTML 78Page - Toshiba Semiconductor TC35681IFTG Datasheet HTML 79Page - Toshiba Semiconductor TC35681IFTG Datasheet HTML 80Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
TC35681IFTG-002
76 / 84
2018-10-03
Preliminary
CONFIDENTIAL
6.
System Configuration Example
System configuration diagrams are shown in following subsections.
6.1. Connection Example for User-App Mode (TC35681 downloads a user application
program from an external EEPROM)
Figure 6-1 Example circuit for system configuration for TC35681IFTG (User-App mode)
4
TMODE
5
VPGM
13
VSSX
20
VSSDC
FIN
VSSD2
7
RFIO
6
VSSRFIO
8
VSSA
TRTEST1
10
TRTEST2
3
RESETX
21
SLPXOIN
22
SLPXOOUT
12
XOOUT
11
XOIN
2
X2
1
X1
VDD
BAT_1
27
VSSD1
9
26
GPIO10
30
GPIO3
29
GPIO4
28
GPIO9
35
GPIO11
34
GPIO12
32
SWDCLK
17
SWDIO
39
38
GPIO7
GPIO8
40
GPIO1
16
GPIO2
37
36
GPIO5
GPIO6
VDD
UART1-TX
UART1-RX
Debug connector
Coaxial Connecter
2
1
ANT
For developing &
evaluating
Up to 3 components are
required for the antenna
matching network.
The number of components
depends on the antenna type.
VDD
18
VBAT
23
VDDIO
VDD
32.768 kHz
ST2012SB32768Z0HSZB1
1 kΩ
31
GPIO0
33
GPIO15
25
GPIO13
1
GPIO16
24
GPIO14
2
GPIO17
18 pF
19 LX
14 VDDCORE1
15 VDDCORE2
10 µH
MLZ1608N100L
(TDK)
3.3 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com