Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS75232SS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GS75232SS
Description  Multiple RS-232 Drivers & Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS75232SS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GS75232SS Datasheet HTML 1Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 2Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 3Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 4Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 5Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 6Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 7Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 8Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GS75232
Globaltech Semiconductor
www.globaltechsemi.com
5
GS75232
Receiver Section
Symbol
Parameter
Test Conditions
Min
Max
Unit
Positive-Going
VT+
Threshold Voltage
1.75
2.25
V
Negative-Going
VT-
Threshold Voltage
0.75
1.25
V
VI= 0.75V,
IOL=-0.5mA
2.6
5
Input Open,
VOH
High Level Output
Voltage
IOL = -0.5 mA
2.6
5
V
VOL
Low Level Output Voltage VI= 3V, IOL = 10 mA
-
0.45
V
VI= 25V
3.6
8.3
IIH
High-Level Input Current
VI= 3V
0.43
-
mA
VI= -25V
-3.6
-8.3
IIL
Low-Level Input Current
VI= -3V
-0.43
-
mA
Short-Circuit
-3
IOS
Output Current
(tip)
mA
Receiver Switching Characteristic (VCC = 5V)
Symbo
l
Parameter
Test Conditions
Min
Max
Unit
tPLH
Propagation Delay Time,
Low-To-High-Level Output
CL = 15 ρF
RL = 3.9 kΩ
-
150
ns
tPHL
Propagation Delay Time,
High -To- Low -Level Output
CL = 15 ρF
RL = 390 kΩ
-
50
ns
tTLH
Transition Time,
Low-To-High-Level Output
CL = 15 ρF
RL = 3.9 kΩ
-
175
ns
tTHL
Transition Time,
High -To- Low -Level Output
CL = 15 ρF
RL = 390 kΩ
-
20
ns
Typical Performance Characteristics
PULSE
GENERATOR
(See Note A)
OUTPUT
RECEIVER
CL
RL
PULSE
GENERATOR
(See Note A)
OUTPUT
DRIVER
CL
RL
INPUT
OUTPUT
3V
0V
VOH
VOL
1.5V
1.5V
10ns
50%
50%
tTHL
tTLH
tPLH
tPLH
Voltage Waveform
INPUT
OUTPUT
3V
0V
VOH
VOL
50%
50%
10ns
1.5V
1.5V
tTHL
tTLH
tPLH
tPLH
10%
10%
90%
90%
Tw=20us, Voltage Waveform
Note A. The pulse generator has the following characteristics. f = 200 KHz, ZO = 50 Ω
B. C included probe and jig capacitance.
C. All diodes are 1N3064 or equivalent.
Fig1. Propagation and Transition Times



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com