Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS75232TS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS75232TS
Description  Multiple RS-232 Drivers & Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS75232TS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS75232TS Datasheet HTML 1Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 2Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 3Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 4Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 5Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 6Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 7Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 8Page - List of Unclassifed Manufacturers GS75232TS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GS75232
Globaltech Semiconductor
www.globaltechsemi.com
2
GS75232
Representative Schematic Diagram
DA
DY
VCC+
VCC
-
8K2
3K6
10K
7K
70
70
6K2
300
DA
DY
2K
5K
9K
2K
10K
4K
VCC
Driver
Receiver
Ordering Information
Device
Package
GS75232S
SOIC-20
GS75232SS
SSOP-20
GS75232TS
TSSOP-20
“F” means Lead Free part.
*Request for other voltages, please contact factory directly.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC+
Supply Voltage
15
V
VCC-
Supply Voltage
-15
V
VCC
Supply Voltage
10
V
VI (Driver)
Input Voltage
-15 to +7
V
VI (Reciver)
Input Voltage
± 30
V
VO (Driver)
Output Voltage
-15 to +15
V
PT
Continuous Power Dissipation (Below 25 oC)
1.0
W
TSTG
Storage Temperature
-65 to +175
oC
Top
Operating Temperature
0 to +75
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com