Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8714 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8714
Description  24-bit, 96kHz Stereo DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8714 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8714 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8714 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
w
WM8714
24-bit, 96kHz Stereo DAC
WOLFSON MICROELECTRONICS plc
w : www.wolfsonmicro.com
Production Data, November 2004, Rev 4.0
Copyright
2004 Wolfson Microelectronics plc.
DESCRIPTION
The WM8714 is a high performance stereo DAC designed
for audio applications such as DVD, home theatre systems,
and digital TV. The WM8714 supports data input word
lengths from 16 to 24-bits and sampling rates up to 96kHz.
The WM8714 consists of a serial interface port, digital
interpolation filters, multi-bit sigma delta modulators and
stereo DAC in a 14-pin SOIC package.
The WM8714 has a hardware control interface for selection
of audio data interface format, mute and de-emphasis. The
WM8714 supports I
2S, and right Justified audio data
interfaces.
The WM8714 is an ideal device to interface to AC-3
,
DTS
, and MPEG audio decoders for surround sound
applications, or for use in DVD players.
FEATURES
•
Stereo DAC
•
Audio Performance
-
95dB SNR (‘A’ weighted @ 48kHz) DAC
-
-90dB THD
•
DAC Sampling Frequency: 8kHz – 96kHz
•
Pin Selectable Audio Data Interface Format
-
I
2S, Right Justified or DSP
•
3 - 5V Supply Operation
•
14-pin SOIC Package
•
Pin Compatible with WM8725
APPLICATIONS
•
DVD Players
•
Digital TV
•
Digital Set Top Boxes
BLOCK DIAGRAM
SERIAL
INTERFACE
MUTE
CONTROL INTERFACE
VOUTL
VOUTR
SIGMA
DELTA
MODULATOR
LRCIN
DIN
MUTE
SIGMA
DELTA
MODULATOR
DIGITAL FILTERS
MCLK
DEEMPH
MUTE
FORMAT
LOW
PASS
FILTER
LOW
PASS
FILTER
CAP
RIGHT
DAC
LEFT
DAC
GND
VDD
BCKIN
W
WM8714


Similar Part No. - WM8714

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8711 WOLFSON-WM8711 Datasheet
128Kb / 2P
portable digital audio solutions
WM8711 WOLFSON-WM8711 Datasheet
536Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711 WOLFSON-WM8711 Datasheet
498Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711BL WOLFSON-WM8711BL Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
More results

Similar Description - WM8714

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
logo
Wolfson Microelectronic...
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
logo
Asahi Kasei Microsystem...
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4345 AKM-AK4345_10 Datasheet
488Kb / 27P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
100dB 96kHz 24-Bit 2ch ?誇 DAC
AK4393(VM) AKM-AK4393(VM) Datasheet
774Kb / 24P
Advanced Multi-Bit 96kHz 24-Bit 6 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com