Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPACA Datasheet(PDF) 1 Page - EnOcean GmbH.

Part # EPACA
Description  EnOcean People Activity Counter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

EPACA Datasheet(HTML) 1 Page - EnOcean GmbH.

  EPACA Datasheet HTML 1Page - EnOcean GmbH. EPACA Datasheet HTML 2Page - EnOcean GmbH. EPACA Datasheet HTML 3Page - EnOcean GmbH. EPACA Datasheet HTML 4Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EPAC – EnOcean People Activity Counter
Installation Guide
Copyright EnOcean © 2019
Page 1 of 4
EPAC_Installation_Guide_V1.4
Package Content
 PIR Sensor
 Mounting plate for easy mounting at ceiling with
double-sided adhesive tape (included)
 Securely secure the device with screws (not included)
Product Description
This ceiling mounted sensor is detecting people motion activity
in the sensing range underneath the sensor. The device is
wireless and solar-powered, so no batteries are needed under
typical light conditions and easiest to mount also in retrofitting.
The unit uses a passive infrared (PIR) sensor technology that
permanently records the people activity. After a certain time the
number of recorded motion activities (counter value) is
transmitted via a radio signal to an IoT space utilization system.
Functional Description
The PIR sensor is permanently active. If any motion is detected
within a 1 second measurement cycle time the activity counter is
incremented by 1. If any motion has been detected within a 2
minutes transmission cycle time a radio telegram is send with
the latest counter value indicating how many increments
(motions) have been detected within the latest 2 minutes. If no
motion has been detected during the latest 60 minutes an
unoccupied message is send (heartbeat signal). The activity
counter value is 16 bit and will not be reset after transmission.
Typical Applications
A people heat-map can easily be generated using several EPAC
sensors in a building area and visualizing the count data in a
floor plan by an IoT space utilization system. The number of
people (people count) should be derivable from the count data
using suited IoT analytics software (not provided with this
sensor).
Note: To restrict the coverage area (e.g. for detecting the length
of a people cue), suitable lens covers can be made by 3D
printing (see sensor sensing range).
Specifications (typ. values)
EnOcean Equipment Profile D2-15-00
Power Supply:
Optional:
Indoor light energy harvesting.
Supplemental battery (CR2032) or
external power (3-5 VDC, 2-wire)
RF Transmission Range
25 m (80 ft.)
Motion Sensing Range
10 m (34 ft.) diameter
(refer to coverage diagrams)
Startup Charge Times*:
 First radio transmission
 Light Test / Walk Test
(operation from empty energy store)
5 minutes @ 200 lux (linking)
1.5 hours @ 2000 lux
Time to Full Charge*
25 hours @ 200 lux
Life time in total darkness
72 hours (after full charge, no activity,
and break-in of several days)
Sustaining charge time for
battery free operation**
8 hours per 24 hours @ 100 lux
Optional Battery Life**:
Infrequent Bright Light
Consistent Low Light
Total Darkness
CR2032, min. 230 mAh
15 yrs (with 200 lux for 2 hrs/day, 7 days/week)
10 yrs (with 70 lux for 5 hrs/day, 7 days/week)
5 yrs
Measurement cycle time
0.9 seconds +/- 10%
Transmission cycle time
2 minutes +/- 10 % (counter value =
number of activities detected)
Heartbeat Transmission
Interval (unoccupied)
60 minutes +/- 10% (no activity,
counter value NOT changed)
RF Communications EnOcean 868 MHz (EPACA)
EnOcean 902 MHz (EPACU)
Dimensions (L x W x D) 160mm x 60mm x 37mm
(6.30” x 2.35” x 1.47”)
Weight 125 g (4.4 oz.)
Mounting Height 2-3 m (7-10 ft.) recommended
Environment Indoor use only! 20% to 95% relative
humidity (non-condensing).
Operation 5°…30°C (41° to 86°F),
Storage -10°…+40°C (14° to 104°F).
Agency Compliance RoHS, CE, RE-D


Similar Part No. - EPACA

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
EPA HAMMOND-EPA Datasheet
45Kb / 1P
Adaptateur pour cadenas
logo
Stontronics Ltd.
EPA-121DA-24 STONTRONICS-EPA-121DA-24 Datasheet
958Kb / 2P
12 Watt Desktop C8 SMPSU Range
EPA-201D-09 STONTRONICS-EPA-201D-09 Datasheet
287Kb / 2P
20 ~ 24 Watt C14 Desktop SMPSU Range
EPA-201D-15V STONTRONICS-EPA-201D-15V Datasheet
287Kb / 2P
20 ~ 24 Watt C14 Desktop SMPSU Range
EPA-201D-18V STONTRONICS-EPA-201D-18V Datasheet
287Kb / 2P
20 ~ 24 Watt C14 Desktop SMPSU Range
More results

Similar Description - EPACA

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
DG009-M1 FILTRONIC-DG009-M1 Datasheet
1Mb / 6P
Activity Detection Unit
logo
Analog Devices
AD8233 AD-AD8233 Datasheet
772Kb / 30P
Fitness and activity heart rate monitors
Rev. 0
logo
Schneider Electric
MPM-UN-D04-5045 SCHNEIDER-MPM-UN-D04-5045 Datasheet
103Kb / 2P
EBE - MPM multi-purpose manager - 868 Mhz EnOcean - modbus
May 19, 2020
logo
WAGO Kontakttechnik Gmb...
750-940 WAGO-750-940 Datasheet
208Kb / 4P
EnOcean-RS-485-Gateway; 868 MHz
750-642 WAGO-750-642 Datasheet
449Kb / 11P
Radio Receiver EnOcean
logo
EnOcean GmbH.
EDK350 ENOCEAN-EDK350_V01 Datasheet
153Kb / 1P
EnOcean Developer Kit
June 2013
ECT310 ENOCEAN-ECT310 Datasheet
234Kb / 2P
EnOcean powered by Thermal Energy
March 2012
EMCSA ENOCEAN-EMCSA Datasheet
125Kb / 1P
EnOcean Magnet Contact Sensor
April 2022
ETHSA ENOCEAN-ETHSA Datasheet
123Kb / 1P
EnOcean Temperature & Humidity Sensor
April 2022
logo
List of Unclassifed Man...
ED-IOTHOTSPOT-PI4-EU ETC-ED-IOTHOTSPOT-PI4-EU Datasheet
405Kb / 1P
Supporting the Growth of People-Powered-Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com