Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8714GED/RV Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8714GED/RV
Description  24-bit, 96kHz Stereo DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8714GED/RV Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8714GED/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8714GED/RV Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
WM8714
Production Data
w
PD Rev 4.0 November 2004
12
HARDWARE CONTROL MODES
The WM8714 is hardware programmable providing the user with options to select input audio data
format, de-emphasis and mute.
MUTE OPERATION
Pin 10 (MUTE) controls selection of MUTE directly, and can be used to enable and disable the
mute.
MUTE PIN
DESCRIPTION
0
Normal Operation, MUTE off
1
Mute DAC channels
Table 2 Mute Control
Figure 5 Application and Release of MUTE
The MUTE pin is an input to select mute or not mute. MUTE is active high; taking the pin high
causes the filters to soft mute, ramping down the audio signal over a few milliseconds. Taking
MUTE low again allows data into the filter. Refer to figure 5.
INPUT AUDIO FORMAT SELECTION
FORMAT (pin 13) controls the data input format.
FORMAT
INPUT DATA MODE
0
16 right justified
1
16 - 24-bit I
2S
Table 3 Input Audio Format Selection
Notes:
1.
In 16-24 bit I
2S mode, any width of 24 bits or more is supported provided that LRCIN is high
for a minimum of 24 BCKINs and low for a minimum of 24 BCKINs, unless Note 2.
2.
If exactly 16 BCKIN cycles occur in both the low and high period of LRCIN the WM8714 will
assume the data is 16-bit and accept the data accordingly.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com