Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8770SIFV Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8770SIFV
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770SIFV Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8770SIFV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8770SIFV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8770SIFV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8770SIFV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8770SIFV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8770SIFV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8770SIFV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8770SIFV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8770SIFV Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
Production Data
WM8770
w
PD Rev 4.1 June 2005
15
Figure 10 Typical Power up sequence where DVDD is powered before AVDD.
Figure 11 Typical Power up sequence where AVDD is powered before DVDD
Typical POR Operation (typical values, not tested)
SYMBOL
MIN
TYP
MAX
UNIT
Vpora
0.5
0.7
1.0
V
Vporr
0.5
0.7
1.1
V
Vpora_off
1.0
1.4
2.0
V
Vpord_off
0.6
0.8
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com