Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1170D Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA1170D
Description  LOW-NOISE TV VERTICAL DEFLECTION SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1170D Datasheet(HTML) 3 Page - STMicroelectronics

  TDA1170D Datasheet HTML 1Page - STMicroelectronics TDA1170D Datasheet HTML 2Page - STMicroelectronics TDA1170D Datasheet HTML 3Page - STMicroelectronics TDA1170D Datasheet HTML 4Page - STMicroelectronics TDA1170D Datasheet HTML 5Page - STMicroelectronics TDA1170D Datasheet HTML 6Page - STMicroelectronics TDA1170D Datasheet HTML 7Page - STMicroelectronics TDA1170D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
(refer to the test circuits, VS = 35V, Tamb =25
oC, unless otherwise specified)
DC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Fig.
I2
Pin 2 Quiescent Current
I3 =0
7
14
mA
1b
I7
Pin 7 Quiescent Current
I6 =0
8
17
mA
1b
–I11
Oscillator Bias Current
V11 = 1V
0.1
1
µA1a
–I14
Amplifier Input Bias Current
V14 =1V
1
10
µA1b
–I16
Ramp Generator Bias Current
V16 = 0
0.02
0.3
µA1a
–I16
Ramp Generator Current
I9 =20
µA, V16 = 0
18.5
20
21.5
µA1b
∆I16
I16
Ramp Generator Non-linearity
∆V16 = 0 to 12V, I9 =20µA
0.2
1
%
1b
VS
Supply Voltage Range
10
35
V
–
V1
Pin 1 Saturation Voltage to Ground
I1 = 1mA
1
1.4
V
–
V3
Pin 3 Saturation Voltage to Ground
I3 = 10mA
300
450
mV
1a
V6
Quiescent Output Voltage
Vs = 10V
R1 = 1k
Ω,R2 = 1kΩ
4.1
4.4
4.75
V
1a
Vs = 35V
R1 = 3k
Ω,R2 = 1kΩ
8.3
8.8
9.45
V
1a
V6L
Output Saturation Voltage to Ground
– I6 = 0.1A
–I6 = 0.8A
0.9
1.9
1.2
2.3
V
V
1c
1c
V6H
Output Saturation Voltage to Supply
I6 = 0.1A
I6 = 0.8A
1.4
2.8
2.1
3.2
V
V
1d
1d
V8
Regulated Voltage at Pin 8
6.1
6.5
6.9
V
1b
V9
Regulated Voltage at Pin 9
I9 =20
µA
6.2
6.6
7
V
1b
∆V8
∆VS
,
∆V9
∆VS
Regulated Voltage Drift with Supply
Voltage
∆VS = 10 to 35V
1
mV/V
1b
V14
Amplifier Input Reference Voltage
2.07
2.2
2.3
V
–
R10
Pin 10 Input Resistance
V10
≤ 0.4V
1
M
Ω
1a
TDA1170D
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com