Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3542 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3542
Description  TESTERS DATA RECORDING EQUIPMENT MEASURING EQUIPMENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3542 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3542 Datasheet HTML 1Page - Toshiba Semiconductor TLP3542 Datasheet HTML 2Page - Toshiba Semiconductor TLP3542 Datasheet HTML 3Page - Toshiba Semiconductor TLP3542 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP3542
1
2003-7-3
TENTATIVE
TOSHIBA PHOTOCOUPLER PHOTO RELAY
T L P 3 5 4 2
TESTERS
DATA RECORDING EQUIPMENT
MEASURING EQUIPMENT
The TOSHIBA TLP3542 series consist of a aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOS FET in a plastic DIP
package.
The TLP3452 series are a bi-directional switch, which can replace
mechanical relays in many applications.
· 6 pin DIP (DIP6)
· 1-Form-A
· Peak Off-State Voltage
: 60 V (MIN.)
· Trigger LED Current
: 3 mA (MAX.)
· On-State Current
: 2.5 A (MAX.)
· On-State Resistance
: 100 m
W (MAX.)
· Isolation Voltage
: 2500 Vrms (MIN.)
·
PIN CONFIGURATION (TOL VIEW)
1 : ANODE
2 : CATHODE
3 : N.C.
4 : DRAIN D1
6 : DRAIN D2
1
2
3
6
4
SCHEMATIC
1
2
6
4
Unit: mm
JEDEC
EIAJ
TOSHIBA
11
-7A9
Weight: 0.4 g


Similar Part No. - TLP3542

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3542 TOSHIBA-TLP3542 Datasheet
145Kb / 6P
TESTERS DATA RECORDING EQUIPMENTS
TLP3542 TOSHIBA-TLP3542_07 Datasheet
145Kb / 6P
TESTERS DATA RECORDING EQUIPMENTS
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
More results

Similar Description - TLP3542

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP3542 TOSHIBA-TLP3542_07 Datasheet
145Kb / 6P
TESTERS DATA RECORDING EQUIPMENTS
TLP2630 TOSHIBA-TLP2630_07 Datasheet
198Kb / 8P
Analog Data Equipment Control
TLP173A TOSHIBA-TLP173A Datasheet
255Kb / 10P
Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3231 TOSHIBA-TLP3231_14 Datasheet
273Kb / 7P
Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3312 TOSHIBA-TLP3312 Datasheet
251Kb / 8P
Battery Control Measuring Instruments Logic IC Testers / Memory Testers
logo
Dialog Semiconductor
SLG46110 DIALOG-SLG46110 Datasheet
837Kb / 82P
Data Communications Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com