Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4558RFVT Datasheet(PDF) 11 Page - Rohm

Part # BA4558RFVT
Description  Low Noise Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RFVT Datasheet(HTML) 11 Page - Rohm

Back Button BA4558RFVT Datasheet HTML 7Page - Rohm BA4558RFVT Datasheet HTML 8Page - Rohm BA4558RFVT Datasheet HTML 9Page - Rohm BA4558RFVT Datasheet HTML 10Page - Rohm BA4558RFVT Datasheet HTML 11Page - Rohm BA4558RFVT Datasheet HTML 12Page - Rohm BA4558RFVT Datasheet HTML 13Page - Rohm BA4558RFVT Datasheet HTML 14Page - Rohm BA4558RFVT Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
11/26
4.SEP.2012 Rev.003
TSZ22111・15・00
BA4558xxx, BA4558Rxxx
○ BA4558
(*) The above data is measurement value of typical sample, it is not guaranteed.
Fig.14
Input Offset Current - Supply Voltage
(Vicm=0V, Vout=0V)
-30
-20
-10
0
10
20
30
±0
±2
±4
±6
±8
±10
±12 ±14 ±16
SUPPLY VOLTAGE [V]
85℃
-40℃
25℃
Fig.15
Input Offset Current -
Ambient Temperature
(Vicm=0V, Vout=0V)
-30
-20
-10
0
10
20
30
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
±4V
±15V
±7.5V
Fig.16
Input Offset Voltage
- Common Mode Input Voltage
(VCC=8V, Vout=4V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
02
468
COMMON MODE INPUT VOLTAGE [V]
85℃
25℃
-40℃
Fig.17
Common Mode Rejection Ratio
- Ambient Temperature
(VCC/VEE=+15V/-15V, Vicm=-12V to +12V)
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com