Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4558FVM Datasheet(PDF) 1 Page - Rohm

Part # BA4558FVM
Description  Low Noise Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558FVM Datasheet(HTML) 1 Page - Rohm

  BA4558FVM Datasheet HTML 1Page - Rohm BA4558FVM Datasheet HTML 2Page - Rohm BA4558FVM Datasheet HTML 3Page - Rohm BA4558FVM Datasheet HTML 4Page - Rohm BA4558FVM Datasheet HTML 5Page - Rohm BA4558FVM Datasheet HTML 6Page - Rohm BA4558FVM Datasheet HTML 7Page - Rohm BA4558FVM Datasheet HTML 8Page - Rohm BA4558FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.rohm.com
TSZ02201-0RAR1G200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
1/26
4.SEP.2012 Rev.003
TSZ22111・14・00
Datasheet
Maximum Operation Temperature
Slew Rate
Operational Amplifiers
Low Noise Operational Amplifiers
BA4558xxx, BA4558Rxxx
●General Description
Normal BA4558 and high-reliability BA4558R integrate two independent Op-Amps on a single chip Especially, this series is
suitable for any audio applications due to low noise and low distortion characteristics and are usable for other many
applications by wide operating supply voltage range.BA4558R is high-reliability products with extended operating
temperature range and high ESD tolerance.
●Features
 High voltage gain, low noise, low distortion
 Wide operating supply voltage
 Internal ESD protection
 Wide operating temperature Range
●Packages
W(Typ.) x D(Typ.) x H(Max.)
MSOP8
2.90mm x 4.00mm x 0.90mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
SOP8
5.00mm x 6.20mm x 1.71mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
●Key Specification
 Wide Operating Supply Voltage
(split supply):±4.0V to ±15V
 Wide Temperature Range: BA4558: -40°C to +85°C
BA4558R: -40°C to +105°C
 High Slew Rate:
1V/µs(Typ.)
 Total Harmonic Distortion :
0.005%(Typ.)
 Input Referred Noise Voltage :
12
Hz
nV/
(Typ.)
●Selection Guide
●Block Diagram
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
+105°C
BA4558RF
BA4558RFV
BA4558RFVT
BA4558RFVM
BA4558RFJ
Dual
High Reliability
1V/µs
Slew Rate
Normal
Dual
1V/µs
BA4558F
BA4558FV
BA4558FVT
BA4558FVM
BA4558FJ
+85°C
-IN
+IN
VOUT
VCC
VEE
Fig. 1 Simplified schematic


Similar Part No. - BA4558FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4558FVM ROHM-BA4558FVM Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA4558FVM-E2 ROHM-BA4558FVM-E2 Datasheet
483Kb / 29P
Low Noise Operational Amplifiers
BA4558FVM-TR ROHM-BA4558FVM-TR Datasheet
483Kb / 29P
Low Noise Operational Amplifiers
More results

Similar Description - BA4558FVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com