Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD3S140Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PD3S140Q
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S140Q Datasheet(HTML) 2 Page - Diodes Incorporated

  PD3S140Q Datasheet HTML 1Page - Diodes Incorporated PD3S140Q Datasheet HTML 2Page - Diodes Incorporated PD3S140Q Datasheet HTML 3Page - Diodes Incorporated PD3S140Q Datasheet HTML 4Page - Diodes Incorporated PD3S140Q Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PD3S140Q
Document number: DS36995 Rev. 1 - 2
2 of 5
www.diodes.com
March 2014
© Diodes Incorporated
PD3S140Q
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Forward Current (See also figure 4)
IF(AV)
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
22
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
⎯
15
°C/W
Thermal Resistance Junction to Ambient Air (Note 6)
RθJA
175
⎯
°C/W
Thermal Resistance Junction to Ambient Air (Note 7)
RθJA
130
⎯
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 8)
V(BR)R
40
⎯
⎯
V
IR = 100µA
Forward Voltage
VF
⎯
0.37
0.42
V
IF = 0.1A
⎯
0.44
0.50
IF = 0.5A
⎯
0.46
0.52
IF = 0.7A
⎯
0.49
0.55
IF = 1.0A
Leakage Current (Note 8)
IR
⎯
0.3
4
µA
VR = 5V, TA = +25°C
⎯
2
50
VR = 40V, TA = +25°C
Total Capacitance (See also figure 3)
CT
⎯
32
⎯
pF
VR = 10V, f = 1.0MHz
Notes:
6. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com. TA = +25°C.
7. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com. TA = +25°C.
8. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com