Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL4218 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL4218
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4218 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL4218 Datasheet HTML 1Page - Vishay Siliconix IL4218 Datasheet HTML 2Page - Vishay Siliconix IL4218 Datasheet HTML 3Page - Vishay Siliconix IL4218 Datasheet HTML 4Page - Vishay Siliconix IL4218 Datasheet HTML 5Page - Vishay Siliconix IL4218 Datasheet HTML 6Page - Vishay Siliconix IL4218 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IL4216, IL4217, IL4218
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 14-Jan-2022
4
Document Number: 83630
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 2 - LED Forward Current vs. Forward Voltage
Fig. 3 - Forward Voltage vs. Forward Current
Fig. 4 - Peak LED Current vs. Duty Factor,
τ
Fig. 5 - Maximum LED Power Dissipation
Fig. 6 - On-State Terminal Voltage vs. Terminal Current
Fig. 7 - Maximum Output Power Dissipation
iil4116_01
1.4
1.3
1.2
1.1
0
5
10
15
20
25
30
35
VF - LED Forward Voltage (V)
1.0
iil4116_02
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
I
F - Forward Current (mA)
T
A = - 55 °C
T
A = 100 °C
T
A = 25 °C
iil4116_03
10-6 10-5 10-4
10-3 10-2 10-1 100
101
10
100
1000
10 000
t - LED Pulse Duration (s)
0.005
0.05
0.02
0.01
0.1
0.2
0.5
Duty Factor
t
τ
DF = /t
τ
iil4116_04
100
80
60
40
20
0
-20
-40
-60
0
50
100
150
T - Ambient Temperature (°C)
A
500
400
300
200
100
-100
-200
-300
-400
-500
0
-3
-1
-2
0
1
2
3
iil4116_05
VT - On-State Voltage - VRMS
iil4116_06
100
80
60
40
20
0
-20
-40
-60
50
150
250
T - Ambient Temperature (°C)
A
0
100
200
300



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com