Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61545AFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61545AFP
Description  Serial Data Control Dual Electronic Volume
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61545AFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61545AFP Datasheet HTML 1Page - Renesas Technology Corp M61545AFP Datasheet HTML 2Page - Renesas Technology Corp M61545AFP Datasheet HTML 3Page - Renesas Technology Corp M61545AFP Datasheet HTML 4Page - Renesas Technology Corp M61545AFP Datasheet HTML 5Page - Renesas Technology Corp M61545AFP Datasheet HTML 6Page - Renesas Technology Corp M61545AFP Datasheet HTML 7Page - Renesas Technology Corp M61545AFP Datasheet HTML 8Page - Renesas Technology Corp M61545AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M61545AFP
Preliminary
Rev.2.0 Dec 21, 2005 page 3 of 11
Electrical Characteristics
(Vcc = 14.0V, Ta = 25°C, unless stated otherwise)
Limits
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Circuit current
ICC
8
10
mA
Maximum attenuation
ATT
–90
–80
dB
ATT = –
Attenuation error
ΔATT
–2.0
0
2.0
dB
ATT = 0dB
Maximum input voltage
VIM
5.4
Vrms
THD = 1%, ATT = –6dB
Maximum output voltage
VOM
3.8
4.2
Vrms
THD = 1%, ATT = 0dB
VNO1
1.5
5.0
µVrms
ATT = 0dB, Rg = 0, JIS-A
Output noise voltage
VNO2
7.0
12.0
µVrms
ATT = –
∞, Rg = 0, JIS-A
Total harmonic distortion
THD
0.002
0.009
%
F = 1kHz, Vo = 0.5Vrms, ATT = 0dB
Channel separation
CS
–80
–70
dB
F = 1kHz, JIS-A, ATT = 0dB
Electrical Characteristics
(Vcc = 10.0V, Ta = 25°C, unless stated otherwise)
Limits
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Circuit current
ICC
NA
10
mA
Maximum attenuation
ATT
–90
–80
dB
ATT = –
Attenuation error
ΔATT
–2.0
0
2.0
dB
ATT = 0dB
Maximum input voltage
VIM
4.0
Vrms
THD = 1%, ATT = –6dB
Maximum output voltage
VOM
2.4
2.9
Vrms
THD = 1%, ATT = 0dB
VNO1
1.5
5.0
µVrms
ATT = 0dB, Rg = 0, JIS-A
Output noise voltage
VNO2
6.0
12.0
µVrms
ATT = –
∞, Rg = 0, JIS-A
Total harmonic distortion
THD
0.002
0.009
%
F = 1kHz, Vo = 0.5Vrms, ATT = 0dB
Channel separation
CS
–80
–70
dB
F = 1kHz, JIS-A, ATT = 0dB
Electrical Characteristics
(Vcc = 7.0V, Ta = 25°C, unless stated otherwise)
Limits
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Circuit current
ICC
NA
10
mA
Maximum attenuation
ATT
–90
–80
dB
ATT = –
Attenuation error
ΔATT
–2.0
0
2.0
dB
ATT = 0dB
Maximum input voltage
VIM
2.9
Vrms
THD = 1%, ATT = –6dB
Maximum output voltage
VOM
1.3
1.8
Vrms
THD = 1%, ATT = 0dB
VNO1
1.5
5.0
µVrms
ATT = 0dB, Rg = 0, JIS-A
Output noise voltage
VNO2
5.0
12.0
µVrms
ATT = –
∞, Rg = 0, JIS-A
Total harmonic distortion
THD
0.002
0.009
%
F = 1kHz, Vo = 0.5Vrms, ATT = 0dB
Channel separation
CS
–80
–70
dB
F = 1kHz, JIS-A, ATT = 0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com