Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4281 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4281
Description  Infrarot-LED, Infrared-LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4281 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4281 Datasheet HTML 1Page - OSRAM GmbH SFH4281 Datasheet HTML 2Page - OSRAM GmbH SFH4281 Datasheet HTML 3Page - OSRAM GmbH SFH4281 Datasheet HTML 4Page - OSRAM GmbH SFH4281 Datasheet HTML 5Page - OSRAM GmbH SFH4281 Datasheet HTML 6Page - OSRAM GmbH SFH4281 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 4281
Infrarot-LED
Infrared-LED
2003-03-27
1
Wesentliche Merkmale
• Emissionswellenlänge 880nm
• Homogene Abstrahlcharakteristik
• IR Reflow und TTW Löten geeignet
• Feuchte-Empfindlichkeitsstufe 2 nach JEDEC
Standard J-STD-020A
Anwendungen
• Miniaturlichtschranken für Gleich- und
Wechsellichtbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
• Automobiltechnik
• Sensorik
• Alarm- und Sicherungssysteme
• IR-Freiraumübertragung
Typ
Type
Bestellnummer
Ordering Code
Strahlstärkegruppierung
1) (I
F = 100 mA, tp = 20 ms)
Radiant intensity grouping
1), I
e (mW/sr)
1) gemessen bei einem Raumwinkel Ω = 0.01 sr / measured at a solid angle of Ω = 0.01 sr
-P
-Q
SFH 4281
Q62702P5000
4 ... 8
6.3 ... 12.5
Features
• Typical peak wavelength 880nm
• Homogeneous Radiation Pattern
• Suitable for IR reflow and TTW soldering
• Moisture Sensitivity Level 2 according to
JEDEC Standard J-STD-020A
Applications
• Miniature photointerrupters
• Industrial electronics
• For drive and control circuits
• Automotive technology
• Sensor technology
• Alarm and safety equipment
• IR free air transmission


Similar Part No. - SFH4281

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4283 OSRAM-SFH4283 Datasheet
269Kb / 13P
GaAlAs Infrared Emitter in SMT Package
logo
List of Unclassifed Man...
SFH4289 ETC-SFH4289 Datasheet
61Kb / 6P
GaAlAs-IR-Lumineszenzdiode in SMT-Geh짰se mit Linse GaAlAs Infrared Emitter in SMT Package with lens
logo
OSRAM GmbH
SFH4289 OSRAM-SFH4289 Datasheet
65Kb / 6P
GaAlAs-IR-Lumineszenzdiode in SMT-Geh채use mit Linse
More results

Similar Description - SFH4281

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IRL80A SIEMENS-IRL80A Datasheet
122Kb / 3P
GaAs-Infrarot-Sendediode GaAs Infrared Emitter
logo
Marktech Corporate
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
INFRARED LED?
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
Infrared LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com