Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA7D52 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA7D52
Description  Silicon epitaxial planar type (cathode common)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA7D52 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA7D52 Datasheet HTML 1Page - Panasonic Semiconductor MA7D52 Datasheet HTML 2Page - Panasonic Semiconductor MA7D52 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
632
Schottky Barrier Diodes (SBD)
MA3D752, MA3D752A (MA7D52, MA7D52A)
Silicon epitaxial planar type (cathode common)
For switching power supply
I Features
• Low forward rise voltage V
F
• TO-220D (Full-pack package) with high dielectric breakdown
voltage
> 5.0 kV
• Easy-to-mount, caused by its V cut lead end
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Repetitive peak
MA3D752
VRRM
40
V
reverse voltage
MA3D752A
45
Non repetitive peak
MA3D752
VRSM
40
V
reverse voltage
MA3D752A
45
Average forward current
IF(AV)
20
A
Non-repetitive peak forward
IFSM
120
A
surge current*
Junction temperature
Tj
−40 to +125
°C
Storage temperature
Tstg
−40 to +125
°C
1 : Anode
2 : Cathode
3 : Anode
TO-220D Package
Note) * : Half sine-wave; 10 ms/cycle
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
MA3D752
IR
VR = 40 V, TC = 25
°C5
mA
MA3D752A
VR = 45 V, TC = 25
°C5
Forward voltage (DC)
VF
IF = 10 A, TC = 25°C
0.55
V
Thermal resistance
Rth(j-c)
Direct current (between junction and case)
3
°C/W
I Electrical Characteristics T
a
= 25°C
Note) Rated input/output frequency: 100 MHz
Internal Connection
123
1
9.9
± 0.3
4.6
± 0.2
2.9
± 0.2
0.8
± 0.1
1.4
± 0.2
23
φ 3.2 ± 0.1
2.6
± 0.1
0.55
± 0.15
2.54
± 0.3
5.08
± 0.5
1.6
± 0.2
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MA7D52

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MA7D52 ISC-MA7D52 Datasheet
277Kb / 2P
Schottky Barrier Diode
MA7D52A ISC-MA7D52A Datasheet
277Kb / 2P
Schottky Barrier Diode
More results

Similar Description - MA7D52

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D752 PANASONIC-MA3D752 Datasheet
43Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D755 PANASONIC-MA3D755 Datasheet
42Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D756 PANASONIC-MA3D756 Datasheet
43Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D760 PANASONIC-MA3D760 Datasheet
42Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D798 PANASONIC-MA3D798 Datasheet
40Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3S781E PANASONIC-MA3S781E Datasheet
45Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3U755 PANASONIC-MA3U755 Datasheet
39Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3XD14E PANASONIC-MA3XD14E Datasheet
44Kb / 2P
Silicon epitaxial planar type (cathode common)
MA7D50 PANASONIC-MA7D50 Datasheet
66Kb / 3P
Silicon epitaxial planar type (cathode common)
MA7D56 PANASONIC-MA7D56 Datasheet
72Kb / 3P
Silicon epitaxial planar type (cathode common)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com