Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCL Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # BCL
Description  Inductors for power circuits Wound metal BCL series (for automotive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

BCL Datasheet(HTML) 2 Page - Panasonic Semiconductor

  BCL Datasheet HTML 1Page - Panasonic Semiconductor BCL Datasheet HTML 2Page - Panasonic Semiconductor BCL Datasheet HTML 3Page - Panasonic Semiconductor BCL Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20211117
(2/4)
inductor_automotive_power_bcl322515rt-d_en.fm
INDUCTORS
BCL322515RT-D type
L FREQUENCY CHARACTERISTICS
Measurement equipment
* Equivalent measurement equipment may be used.
L VS. DC BIAS CHARACTERISTICS
Measurement equipment
* Equivalent measurement equipment may be used.
Product No.
Manufacturer
E4990A
Keysight Technologies
Product No.
Manufacturer
6500B
KUWAKI ELECTRONICS
Frequency(MHz)
0.1
1
10
100
1000
0.1
1
10
100
470M
330M
220M
150M
100M
6R8M
4R7M
DC current(A)
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
470M
330M
220M
150M
100M
6R8M
4R7M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com