Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RACM90-K Datasheet(PDF) 1 Page - Recom International Power

Part # RACM90-K
Description  90 Watt 2” x 4” Open Frame & Enclosed Single Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM90-K Datasheet(HTML) 1 Page - Recom International Power

  RACM90-K Datasheet HTML 1Page - Recom International Power RACM90-K Datasheet HTML 2Page - Recom International Power RACM90-K Datasheet HTML 3Page - Recom International Power RACM90-K Datasheet HTML 4Page - Recom International Power RACM90-K Datasheet HTML 5Page - Recom International Power RACM90-K Datasheet HTML 6Page - Recom International Power RACM90-K Datasheet HTML 7Page - Recom International Power RACM90-K Datasheet HTML 8Page - Recom International Power RACM90-K Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AC/DC Converter
www.recom-power.com
REV.: 0/2022
PA-1
2MOPP
250VAC
OU
SEHO
p p lianc
EN-60335-1
CERTIFIED
ERP
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS 2+
compliant
10 from 10
3
90 Watt
2” x 4”
Open Frame &
Enclosed
Single Output
RACM90-K
Description
The RACM90-K AC/DC power supply series provides 90W output and is Limited Power Source
(LPS)-rated according to safety standards for medical, ITE, industrial and household markets. With an
industry-standard 2”x4” footprint, variants are available as an open card or with an enclosure. Input is
wide-range for nominals from 100 to 240Vac, the output is tightly regulated and easy system integration
is enabled by a wide compliance margin to EMC standard EN55032 class B. On-board dual fuses are
included and the product includes immunity to surges for installation class 3 and over-voltage category
OVCIII. Certifications are maintained to 4000m altitude and with a wide operating temperature range,
the series is one of the most versatile on the market.
Features
Regulated
Converter
• Wide range input: 85-264VAC
• Operating temperature from -40°C to +90°C
• OVC III and LPS rated
• 2MOPP medical certified, B and BF compliant
• 4000m operating altitude
• Class B EMC filter built-in
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Selection Guide
Part
Number
Input
Voltage Range
[VAC]
nom. Output
Voltage
[VDC]
Output
Current
[A]
Output
Power
[W]
Efficiency
typ. (1)
[%]
RACM90-12SK (2)
85-264
12
7.5
90
87
RACM90-15SK (2)
85-264
15
6
90
89
RACM90-24SK (2)
85-264
24
3.75
90
89
RACM90-36SK (2)
85-264
36
2.5
90
90
RACM90-48SK (2)
85-264
48
1.87
90
90
Model Numbering
Case style (2)
Single
nom. Output Power
nom. Output Voltage
RACM90- __ SK /
Notes:
Note2: “/OF” = standard 2”x4” open frame version
“/ENC”= standard enclosed version
Ordering Examples:
RACM90-12SK/OF
12Vout
Single
open frame
2” x 4”
RACM90-15SK/ENC
15Vout
Single
enclosed
2.4” x 4.6”
ANSI/AAMI ES60601-1 Ed. 3.1 (pending)
CSA/CAN-C22.2 No. 60601-1:14 (pending)
IEC/EN60601-1 (pending)
IEC/EN62368-1 (pending)
IEC/EN60335-1 (pending)
IEC/EN61558-2-16 (pending)
IEC/EN61558-1 (pending)
EN55032 compliant
EN55035 compliant


Similar Part No. - RACM90-K

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACM100 RECOM-RACM100 Datasheet
575Kb / 5P
Long 5 Year Warranty
RACM100-12S RECOM-RACM100-12S Datasheet
405Kb / 5P
100 Watt Enclosed Case Style Single Output
RACM100-12S RECOM-RACM100-12S Datasheet
575Kb / 5P
Long 5 Year Warranty
RACM100-15S RECOM-RACM100-15S Datasheet
405Kb / 5P
100 Watt Enclosed Case Style Single Output
RACM100-15S RECOM-RACM100-15S Datasheet
575Kb / 5P
Long 5 Year Warranty
More results

Similar Description - RACM90-K

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA065-120M PHIHONG-PSA065-120M Datasheet
79Kb / 2P
65 Watt Open-Frame Power Supply PSA065M Single Output 2 x 4 Medical Series
logo
Recom International Pow...
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
48 Watt Open Frame Single Output
RACM40-S RECOM-RACM40-S Datasheet
571Kb / 6P
40 Watt Enclosed & Open Frame Case Style Single Output
RACM65-S RECOM-RACM65-S Datasheet
555Kb / 6P
65 Watt Enclosed & Open Frame Case Style Single Output
RAC35-G-OF RECOM-RAC35-G-OF Datasheet
548Kb / 5P
35 Watt 4 x 2 Open Frame
RAC45-G-OF RECOM-RAC45-G-OF Datasheet
550Kb / 5P
45 Watt 4 x 2 Open Frame
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
60 Watt Open Frame Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
550 Watt 5??x 3??Open Frame or Enclosed Single Output
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
230 Watt 4??x 2??Open Frame or Enclosed Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com