Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S0402BH Datasheet(PDF) 2 Page - STMicroelectronics

Part # S0402BH
Description  SENSITIVE GATE SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S0402BH Datasheet(HTML) 2 Page - STMicroelectronics

  S0402BH Datasheet HTML 1Page - STMicroelectronics S0402BH Datasheet HTML 2Page - STMicroelectronics S0402BH Datasheet HTML 3Page - STMicroelectronics S0402BH Datasheet HTML 4Page - STMicroelectronics S0402BH Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PG (AV)= 0.5 W PGM = 5 W (tp = 20
µs)
IGM = 2 A (tp = 20
µs)
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
60
°C/W
Rth(j-c)
Junction to case for DC
4
°C/W
THERMAL RESISTANCES
Symbol
Test Conditions
Sensitivity
Unit
02
IGT
VD=12V (DC) RL=140
Ω
Tj= 25
°C
MAX
200
µA
VGT
VD=12V (DC) RL=140
Ω
Tj= 25
°C
MAX
1.5
V
VGD
VD=VDRM RL=3.3k
Ω
RGK =1 K
Ω
Tj= 125
°C MIN
0.1
V
VRGM
IRG =10
µA
Tj= 25
°C
MIN
8
V
tgd
VD=VDRM
ITM=3 x IT(AV)
dIG/dt = 0.1A/
µsIG = 10mA
Tj= 25
°C
TYP
0.5
µs
IH
IT= 50mA RGK =1 K
Ω
Tj= 25
°C
MAX
10
mA
IL
IG=1mA RGK =1 K
Ω
Tj= 25
°C
MAX
20
mA
VTM
ITM= 8A tp= 380
µs
Tj= 25
°C
MAX
1.6
V
IDRM
IRRM
VD =VDRM RGK =1 K
Ω
VR =VRRM
Tj= 25
°C
MAX
5
µA
Tj= 110
°C MAX
500
µA
dV/dt
VD=67%VDRM RGK =1 K
Ω
Tj= 110
°C TYP
10
V/
µs
tq
ITM=3 x IT(AV)VR=35V
dI/dt=10A/
µs tp=100µs
dV/dt=2V/
µs
VD= 67%VDRM RGK =1 K
Ω
Tj= 110
°C MAX
100
µs
ELECTRICAL CHARACTERISTICS
ORDERING INFORMATION
S
0402M
H
SCR MESA GLASS
CURRENT
PACKAGE :
H = TO220 Non-insulated
VOLTAGE
SENSITIVITY
®
S0402xH
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com