Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB14N80K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB14N80K5
Description  N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB14N80K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STB14N80K5 Datasheet HTML 1Page - STMicroelectronics STB14N80K5 Datasheet HTML 2Page - STMicroelectronics STB14N80K5 Datasheet HTML 3Page - STMicroelectronics STB14N80K5 Datasheet HTML 4Page - STMicroelectronics STB14N80K5 Datasheet HTML 5Page - STMicroelectronics STB14N80K5 Datasheet HTML 6Page - STMicroelectronics STB14N80K5 Datasheet HTML 7Page - STMicroelectronics STB14N80K5 Datasheet HTML 8Page - STMicroelectronics STB14N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STB14N80K5
4/16
DocID027723 Rev 1
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 5: On/off-state
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
800
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 800 V
1
µA
VGS = 0 V, VDS = 800 V
TC = 125 °C
(1)
50
µA
IGSS
Gate body leakage current
VDS = 0 V, VGS = ±20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 6 A
0.400
0.445
Ω
Notes:
(1)
Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0 V
-
620
-
pF
Coss
Output capacitance
-
60
-
pF
Crss
Reverse transfer capacitance
-
0.8
-
pF
Co(tr)
(1)
Equivalent capacitance time
related
VDS = 0 to 640 V, VGS = 0
V
-
107
-
pF
Co(er)
(2)
Equivalent capacitance energy
related
-
39
-
pF
Rg
Intrinsic gate resistance
f = 1 MHz , ID= 0 A
-
6.5
-
Ω
Qg
Total gate charge
VDD = 640 V, ID = 12 A
VGS= 10 V
(see Figure 16: "Test
circuit for gate charge
behavior"
-
22
-
nC
Qgs
Gate-source charge
-
4.3
-
nC
Qgd
Gate-drain charge
-
16.5
-
nC
Notes:
(1)
Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
(2)
Energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss when
VDS increases from 0 to 80% VDSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com