Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM4435 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STM4435
Description  P-Channel E nhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4435 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STM4435 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4435 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4435 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4435 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4435 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4435 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4435 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM4435 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
F igure 9. C apacitance
-V DS , Drain-to S ource Voltage (V )
F igure 11.s witching characteris tics
R g, G ate R esistance (
W)
5
F igure 12. Maximum S afe
O perating Area
-V DS , Drain-S ource V oltage (V )
C i ss
C oss
2000
1200
1600
800
400
0
C r ss
0
5
10
15
20
25
30
8
10
6
4
2
0
VDS=-15V
ID=-8A
100
10
1
1
6 10
60 100
60
600
300
600
V D S = -15V,I D=-1A
V G S =
V
T D(off)
T f
T D (o n)
T r
-10
4
8
12
16 20
24 28 32
0
S T M4435
50
10
1
0.1
0.03
0.1
1
10
30 50
VGS=-10V
S ingle P ulse
TA=25 C
R D
S (O
N)
Lim
it
10m
s
100
ms
1s
DC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com