| Electronic Components Datasheet Search |
|
TLE8458 Datasheet(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8458 Datasheet(HTML) 21 Page - Infineon Technologies AG |
|
21 / 31 page ![]() TLE8458 LIN Transceiver Data Sheet 21 Rev. 1.1, 2014-04-01 7.1.1 Undervoltage Detection A dropping power supply V S on a local ECU can effect the communication of the whole LIN network. To avoid any blocking of the LIN network by a local ECU the TLE8458 has an integrated Power-On reset at the supply V S and an undervoltage detection at the supply V S. In case the supply voltage VS is dropping below the Power-On reset level V S < VS,UV,PON, the TLE8458 changes the operation mode to Stand-By mode. In Stand-By mode the output stage of the TLE8458 is disabled and no communication to the LIN bus is possible. The internal bus termination remains active as well as the V CC output voltage. (see Figure 1 and Figure 11). In Stand-By mode the RxD pin indicates the low power supply condition with a logical HIGH signal. Setting the EN pin to logical HIGH changes the operation mode back to Normal Operation mode. In case the supply voltage V S is dropping below the undervoltage reset level VS < VSUV (see Figure 11), the TLE8458 disables the output and receiver stages. This feature secures the communication on the LIN bus. If the power supply V S reaches a higher level as the undervoltage reset level VS > VSUV the TLE8458 continues with normal operation. A mode change only applies if the power supply V S drops below the power on reset level ( V S < VS,UV,PON). Figure 11 Under-Voltage Detection Supply voltage Vs Power on reset level VS,UV,PON Power On reset Normal Operation Mode Reset and Communication blocked Stand-By Mode Blanking time tUV Supply voltage Vs Power on reset level VS,UV,PON Normal Operation Mode Communication blocked Blanking time tUV Under Voltage level VSUV Normal Operation Mode Under Voltage Detection VS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |