Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM4952 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STM4952
Description  Dual P-Channel E nhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4952 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STM4952 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4952 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4952 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4952 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4952 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4952 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4952 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
F igure 11. S witching T est C ircuit
F igure 12. S witching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
2
1
0.1
0.01
S quare Wave P ulse Duration (sec)
F igure 13. Normalized T hermal T ransient Impedance C urve
5
5
S T M4952
INVE R TE D
Duty C ycle=0.5
0.2
0.1
0.05
0.02
S ingle P ulse
10
-4
10
-3
10
-2
10
-1
1
10
100
PDM
t1
t2
1. R thJA (t)=r (t) * R thJA
2. R thJA=S ee Datasheet
3. T JM-T A = P DM* R thJA (t)
4. Duty C ycle, D=t1/t2
-VDD
R
D
V
V
R
S
V
G
G S
IN
G E N
OUT
L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com