Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP141.. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP141..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP141.. Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP141.. Datasheet HTML 1Page - Vishay Siliconix TSOP141.. Datasheet HTML 2Page - Vishay Siliconix TSOP141.. Datasheet HTML 3Page - Vishay Siliconix TSOP141.. Datasheet HTML 4Page - Vishay Siliconix TSOP141.. Datasheet HTML 5Page - Vishay Siliconix TSOP141.. Datasheet HTML 6Page - Vishay Siliconix TSOP141.. Datasheet HTML 7Page - Vishay Siliconix TSOP141.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TSOP121.., TSOP123.., TSOP125.., TSOP141.., TSOP143.., TSOP145..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 1.8, 17-Aug-2022
5
Document Number: 82804
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 11 - Directivity
Fig. 12 - Sensitivity vs. Supply Voltage
Axis Title
d
rel. - Relative Transmission Distance
1.0
0.9
0.7
0.8
30°
50°
40°
80°
0.6
0.4
0.2
00.4
0.2
0.6
20°
10°
0°
60°
70°
10
100
1000
10000
0
0.1
0.2
0.3
0.4
123456
Axis Title
V
S - Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com