Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM4953 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STM4953
Description  Dual P-Channel E nhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4953 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STM4953 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4953 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4953 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4953 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4953 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4953 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4953 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
-30
Dual P-Channel E nhancement Mode Field E ffect Transistor
S urface Mount Package.
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
20
V
Drain Current-Continuous @ TJ=25 C
-Pulsed
ID
-4.5
-23
1.7
2
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Ambient
R JA
62.5
/W
C
a
a
a
a
b
S amHop Microelectronics C orp.
J ul 05 2005 ver 1.2
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
-30V
-4.5A
55 @ V GS = -10V
85 @ V GS = -4.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S O-8
1
S 1
G 1
S 2
G 2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
S T M4953


Similar Part No. - STM4953

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STM4953 DOINGTER-STM4953 Datasheet
1Mb / 5P
Dual P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STM4953 VBSEMI-STM4953 Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - STM4953

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STG2507 SAMHOP-STG2507 Datasheet
649Kb / 7P
Dual P-Channel E nhancement Mode Field Effect Transistor
STM4433A SAMHOP-STM4433A Datasheet
659Kb / 7P
P-Channel E nhancement Mode Field Effect Transistor
STM4952 SAMHOP-STM4952 Datasheet
655Kb / 7P
Dual P-Channel E nhancement Mode Field Effect Transistor
STM4963 SAMHOP-STM4963 Datasheet
544Kb / 7P
Dual P-Channel E nhancement Mode Field Effect Transistor
STS2307A SAMHOP-STS2307A Datasheet
718Kb / 7P
P-Channel E nhancement Mode Field Effect Transistor
STS3405 SAMHOP-STS3405 Datasheet
826Kb / 8P
P-Channel E nhancement Mode Field Effect Transistor
STU1255PL SAMHOP-STU1255PL Datasheet
878Kb / 8P
P-Channel E nhancement Mode Field Effect Transistor
STU1855PL SAMHOP-STU1855PL Datasheet
879Kb / 8P
P-Channel E nhancement Mode Field Effect Transistor
STU1855PLS SAMHOP-STU1855PLS Datasheet
704Kb / 8P
P-Channel E nhancement Mode Field Effect Transistor
STU2455PLS SAMHOP-STU2455PLS Datasheet
792Kb / 9P
P-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com