Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNL4010 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCNL4010
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4010 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCNL4010 Datasheet HTML 1Page - Vishay Siliconix VCNL4010 Datasheet HTML 2Page - Vishay Siliconix VCNL4010 Datasheet HTML 3Page - Vishay Siliconix VCNL4010 Datasheet HTML 4Page - Vishay Siliconix VCNL4010 Datasheet HTML 5Page - Vishay Siliconix VCNL4010 Datasheet HTML 6Page - Vishay Siliconix VCNL4010 Datasheet HTML 7Page - Vishay Siliconix VCNL4010 Datasheet HTML 8Page - Vishay Siliconix VCNL4010 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
VCNL4010
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 20-Mar-18
1
Document Number: 83462
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fully Integrated Proximity and Ambient Light Sensor With
Infrared Emitter, I2C Interface, and Interrupt Function
DESCRIPTION
The VCNL4010 is a fully integrated proximity and ambient
light sensor. Fully integrated means that the infrared emitter
is included in the package. It has 16 bit resolution. It
includes a signal processing IC and features standard I2C
communication interface. It features an interrupt function.
APPLICATIONS
• Proximity sensor for mobile devices (e.g. smart phones,
touch phones, PDA, GPS) for touch screen locking, power
saving, etc.
• Integrated ambient light function for display/keypad
contrast control and dimming of mobile devices
• Proximity/optical switch for consumer, computing and
industrial devices and displays
• Dimming control for consumer, computing and industrial
displays
FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 3.95 x 3.95 x 0.75
• Integrated modules: infrared emitter (IRED),
ambient light sensor (ALS-PD), proximity sensor
(PD), and signal conditioning IC
• Interrupt function
• Supply voltage range VDD: 2.5 V to 3.6 V
• Supply voltage range IR anode: 2.5 V to 5 V
• Communication via I2C interface
•I2C Bus H-level range: 1.7 V to 5 V
• Floor life: 168 h, MSL 3, according to J-STD-020
• Low stand by current consumption: 1.5 μA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
PROXIMITY FUNCTION
• Built-in infrared emitter and photo-pin-diode for proximity
function
• 16 bit effective resolution for proximity detection range
ensures excellent cross talk immunity
• Programmable LED drive current from 10 mA to 200 mA in
10 mA steps
• Excellent ambient light suppression by modulating the
infrared signal
• Proximity distance up to 200 mm
AMBIENT LIGHT FUNCTION
• Built-in ambient light photo-pin-diode with close-to-
human-eye sensitivity
• 16 bit dynamic range from 0.25 lx to 16 klx
• 100 Hz and 120 Hz flicker noise rejection
Note
(1) Adjustable through I2C interface
22297-2
GND
12
11 nc
IR anode
1
IR cathode
2
IR cathode
3
SDA
4
SCL
5
10 nc
9
nc
8
nc
7
V
DD
6
INT
13
GND
PRODUCT SUMMARY
PART
NUMBER
OPERATING
RANGE
(mm)
OPERATING
VOLTAGE
RANGE
(V)
I2C BUS
VOLTAGE
RANGE
(V)
LED PULSE
CURRENT (1)
(mA)
AMBIENT
LIGHT
RANGE
(lx)
AMBIENT
LIGHT
RESOLUTION
(lx)
OUTPUT
CODE
ADC RESOLUTION
PROXIMITY /
AMBIENT LIGHT
VCNL4010
1 to 200
2.5 to 3.6
1.7 to 5
10 to 200
0.25 to 16 383
0.25
16 bit, I2C
16 bit / 16 bit


Similar Part No. - VCNL4010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4010 VISHAY-VCNL4010 Datasheet
206Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
23-Feb-12
VCNL4010 VISHAY-VCNL4010 Datasheet
205Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
29-Oct-13
VCNL4010 VISHAY-VCNL4010 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4010-GS08 VISHAY-VCNL4010-GS08 Datasheet
205Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
29-Oct-13
VCNL4010-GS08 VISHAY-VCNL4010-GS08 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
More results

Similar Description - VCNL4010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4010 VISHAY-VCNL4010 Datasheet
206Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
23-Feb-12
VCNL4010-GS08 VISHAY-VCNL4010-GS08 Datasheet
205Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
29-Oct-13
VCNL4020X01 VISHAY-VCNL4020X01 Datasheet
226Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
13-Aug-14
VCNL4020X01 VISHAY-VCNL4020X01_V01 Datasheet
217Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020 VISHAY-VCNL4020_V01 Datasheet
213Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4010 VISHAY-VCNL4010_V02 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020X01 VISHAY-VCNL4020X01_V02 Datasheet
217Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020 VISHAY-VCNL4020_V02 Datasheet
213Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4030X01 VISHAY-VCNL4030X01_V01 Datasheet
314Kb / 20P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
18-Mar-2020
VCNL4040 VISHAY-VCNL4040_V02 Datasheet
435Kb / 22P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
04-Nov-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com