Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2903PT Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM2903PT
Description  Low-power dual voltage comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903PT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM2903PT Datasheet HTML 7Page - STMicroelectronics LM2903PT Datasheet HTML 8Page - STMicroelectronics LM2903PT Datasheet HTML 9Page - STMicroelectronics LM2903PT Datasheet HTML 10Page - STMicroelectronics LM2903PT Datasheet HTML 11Page - STMicroelectronics LM2903PT Datasheet HTML 12Page - STMicroelectronics LM2903PT Datasheet HTML 13Page - STMicroelectronics LM2903PT Datasheet HTML 14Page - STMicroelectronics LM2903PT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID2470 Rev 14
11/21
LM2903
Typical application schematics
21
Figure 21. Two-decade, high-frequency VCO
V
CC
V
CC
100 k
Ω
3 k
Ω
5.1 k
Ω
/2
V
CC
/2
0.01
μF
500 pF
100 k
Ω
0.1
μF
20 k
Ω
50 k
Ω
=+ 30 V
+250 mV
Vcontrol +50 V
700 Hz
f
100 kHz
o
20 k
Ω
3 k
Ω
1/ 2
LM2903
1/ 2
LM2903
1/ 2
LM2903
Output 1
Output 2
V
CC
V
CC
Frequency control
voltage input
Vcontrol
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com