Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA4F10A Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMA4F10A
Description  400 W TVS in SMA Flat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA4F10A Datasheet(HTML) 4 Page - STMicroelectronics

  SMA4F10A Datasheet HTML 1Page - STMicroelectronics SMA4F10A Datasheet HTML 2Page - STMicroelectronics SMA4F10A Datasheet HTML 3Page - STMicroelectronics SMA4F10A Datasheet HTML 4Page - STMicroelectronics SMA4F10A Datasheet HTML 5Page - STMicroelectronics SMA4F10A Datasheet HTML 6Page - STMicroelectronics SMA4F10A Datasheet HTML 7Page - STMicroelectronics SMA4F10A Datasheet HTML 8Page - STMicroelectronics SMA4F10A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4. Surge capability given for both directions
1.1
Characteristics (curves)
Figure 3. Maximum peak power dissipation versus initial
junction temperature
0
100
200
300
400
500
0
25
50
75
100
125
150
175
200
Ppp (W)
Tj (°C)
VRM ≥ 100V
VRM < 100V
10/1000 µs
Figure 4. Maximum peak pulse power versus exponential
pulse duration
10
100
1000
10000
0.01
0.1
1
10
Ppp (W)
tp (ms)
Tj initial = 25 °C
Figure 5. Maximum clamping voltage versus peak pulse
current
0.1
1
10
100
1000
1
10
100
1000
Ipp (A)
VCL (V)
8/20 µs
10/1000 µs
Figure 6. Dynamic resistance versus pulse duration
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
RD (Ω)
tp (ms)
SMA4F5.0A
SMA4F33A
SMA4F70A
SMA4F188A
SMA4FxxA
Characteristics (curves)
DS12542 - Rev 4
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com