Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA4F11A Datasheet(PDF) 12 Page - STMicroelectronics

Part # SMA4F11A
Description  400 W TVS in SMA Flat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA4F11A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SMA4F11A Datasheet HTML 6Page - STMicroelectronics SMA4F11A Datasheet HTML 7Page - STMicroelectronics SMA4F11A Datasheet HTML 8Page - STMicroelectronics SMA4F11A Datasheet HTML 9Page - STMicroelectronics SMA4F11A Datasheet HTML 10Page - STMicroelectronics SMA4F11A Datasheet HTML 11Page - STMicroelectronics SMA4F11A Datasheet HTML 12Page - STMicroelectronics SMA4F11A Datasheet HTML 13Page - STMicroelectronics SMA4F11A Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Revision history
Table 7. Document revision history
Date
Version
Changes
28-May-2018
1
Initial release.
19-Feb-2019
2
Updated links syntax.
02-Sep-2019
3
Updated Table 1. Absolute maximum ratings (Tamb = 25 °C),
Figure 10. Thermal impedance junction to ambient versus pulse duration and
Figure 11. Thermal resistance junction to ambient versus copper area under
each lead.
25-Nov-2019
4
Updated links syntax.
SMA4FxxA
DS12542 - Rev 4
page 12/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com