Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6F10A Datasheet(PDF) 8 Page - STMicroelectronics

Part # SMA6F10A
Description  600 W TVS in SMA Flat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6F10A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SMA6F10A Datasheet HTML 4Page - STMicroelectronics SMA6F10A Datasheet HTML 5Page - STMicroelectronics SMA6F10A Datasheet HTML 6Page - STMicroelectronics SMA6F10A Datasheet HTML 7Page - STMicroelectronics SMA6F10A Datasheet HTML 8Page - STMicroelectronics SMA6F10A Datasheet HTML 9Page - STMicroelectronics SMA6F10A Datasheet HTML 10Page - STMicroelectronics SMA6F10A Datasheet HTML 11Page - STMicroelectronics SMA6F10A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Figure 19. Tape outline
Table 4. Tape dimension values
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
D0
1.5
1.55
1.6
D1
1.5
F
5.4
5.5
5.6
K0
1.1
1.2
1.3
P0
3.9
4.0
4.1
P1
3.9
4.0
4.1
P2
1.9
2.0
2.1
W
11.7
12
12.3
SMA6FxxA
SMA Flat package information
DS12564 - Rev 4
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com