Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6F30A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMA6F30A
Description  600 W TVS in SMA Flat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6F30A Datasheet(HTML) 1 Page - STMicroelectronics

  SMA6F30A Datasheet HTML 1Page - STMicroelectronics SMA6F30A Datasheet HTML 2Page - STMicroelectronics SMA6F30A Datasheet HTML 3Page - STMicroelectronics SMA6F30A Datasheet HTML 4Page - STMicroelectronics SMA6F30A Datasheet HTML 5Page - STMicroelectronics SMA6F30A Datasheet HTML 6Page - STMicroelectronics SMA6F30A Datasheet HTML 7Page - STMicroelectronics SMA6F30A Datasheet HTML 8Page - STMicroelectronics SMA6F30A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
•
Peak pulse power: 600 W (10/1000 μs) and 4 kW (8/20 μs)
•
Flat and thin package: 1 mm
•
Stand-off voltage range from 5 V to 188 V
•
Unidirectional type
•
Low leakage current: 0.2 μA at 25 °C and 1 μA at 85 °C
•
Operating Tj max: 175 °C
•
High power capability at Tj max.: up to 400 W (10/1000 µs)
•
Lead finishing: matte tin plating
Complies with the following standards
•
UL94, V0
•
J-STD-020 MSL level 1
•
J-STD-002, JESD 22-B102 E3 and MIL-STD-750, method 2026
•
JESD-201 class 2 whisker test
•
IPC7531 footprint and JEDEC registered package outline
•
IEC 61000-4-2, C = 150 pF - R = 330 Ω exceeds level 4:
–
30 kV (contact discharge)
–
30 kV (air discharge)
•
IEC 61000-4-4 level 4:
–
4 kV
Description
The SMA6F Transil series are designed to protect sensitive circuits against transient
surges.
The planar technology makes it compatible with high-end circuits where low leakage
current and high junction temperature are required to provide long term reliability and
stability.
Product status link
SMA6F
SMA6F5.0A, SMA6F6.0A,
SMA6F6.5A, SMA6F8.5A,
SMA6F10A, SMA6F11A,
SMA6F12A, SMA6F13A,
SMA6F14A, SMA6F15A,
SMA6F16A, SMA6F18A,
SMA6F20A, SMA6F22A,
SMA6F23A, SMA6F24A,
SMA6F26A, SMA6F28A,
SMA6F30A, SMA6F31A,
SMA6F33A, SMA6F36A,
SMA6F40A, SMA6F48A,
SMA6F58A, SMA6F64A,
SMA6F70A, SMA6F85A,
SMA6F100A, SMA6F130A,
SMA6F154A, SMA6F170A,
SMA6F188A
600 W TVS in SMA Flat
SMA6FxxA
Datasheet
DS12564 - Rev 4 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SMA6F30A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMA6F30A VISHAY-SMA6F30A Datasheet
132Kb / 6P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
17-Sep-2021
logo
Taiwan Semiconductor Co...
SMA6F30AH TSC-SMA6F30AH Datasheet
332Kb / 6P
600W, 12V ??60V Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMA6F30A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6T28CAY STMICROELECTRONICS-SMA6T28CAY Datasheet
331Kb / 11P
Automotive 600 W Transil™ in SMA package
Mar-2012
SMA6TY STMICROELECTRONICS-SMA6TY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SMA6T36AY STMICROELECTRONICS-SMA6T36AY Datasheet
644Kb / 13P
Automotive 600 W TVS in SMA
28-Oct-2020
SMA4FXXA STMICROELECTRONICS-SMA4FXXA Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMB6FXXA STMICROELECTRONICS-SMB6FXXA Datasheet
681Kb / 13P
600 W TVS in SMB Flat
14-Oct-2019
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
Automotive 3000 W TVS in SMC
21-Feb-2023
SM4TXXAY STMICROELECTRONICS-SM4TXXAY Datasheet
642Kb / 14P
Automotive 400 W TVS in SMA
26-Jan-2022
SMC30JXXA STMICROELECTRONICS-SMC30JXXA Datasheet
672Kb / 13P
3000 W TVS in SMC
31-Jan-2022
SMC50JXXA STMICROELECTRONICS-SMC50JXXA Datasheet
484Kb / 12P
5000 W TVS in SMC
03-Nov-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com