Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNT2020 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCNT2020
Description  Reflective Optical Sensor With Transistor OutputS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNT2020 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCNT2020_V01 Datasheet HTML 1Page - Vishay Siliconix VCNT2020_V01 Datasheet HTML 2Page - Vishay Siliconix VCNT2020_V01 Datasheet HTML 3Page - Vishay Siliconix VCNT2020_V01 Datasheet HTML 4Page - Vishay Siliconix VCNT2020_V01 Datasheet HTML 5Page - Vishay Siliconix VCNT2020_V01 Datasheet HTML 6Page - Vishay Siliconix VCNT2020_V01 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VCNT2020
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 21-Jan-2019
1
Document Number: 84285
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Reflective Optical Sensor With Transistor Output
DESCRIPTION
The VCNT2020 is a reflective sensor in a miniature SMD
package. It has a compact construction where the emitting
light source and the detector are arranged in the same
plane. The operating infrared wavelength is 940 nm. The
detector consists of a silicon phototransistor. The sensor
analog output signal (photo current) is triggered by
detection of reflected infrared light from a close by object.
The sensor has a built in daylight blocking filter, which
greatly suppresses disturbing ambient light and therefore
increases signal to noise ratio.
FEATURES
• Package type: SMD
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 2.5 x 2 x 0.8
• Operating range within > 20 % relative collector
current: 0.2 mm to 2.5 mm
• Emitter wavelength: 940 nm
• Moisture sensitivity level (MSL): 4
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Position sensor
• Optical switch
• Optical encoder (e.g. disc and tape drives for DVD and / or
camera applications)
• Object detection (e.g. paper presence in printer and copy
machines)
Notes
(1) CTR: current transfer ratio, Iout/Iin
(2) Conditions like in table basic characteristics/sensors
Note
(1) MOQ: minimum order quantity
PRODUCT SUMMARY
PART NUMBER
DISTANCE FOR
MAXIMUM CTRrel (1)
(mm)
DISTANCE RANGE FOR
RELATIVE Iout > 20 %
(mm)
TYPICAL OUTPUT CURRENT
UNDER TEST (2)
(mA)
DAYLIGHT BLOCKING
FILTER INTEGRATED
VCNT2020
0.5
0.2 to 2.5
1.6
Yes
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
VCNT2020
Tape and reel
MOQ: 3000 pcs
Drypack, MSL 4
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT (EMITTER)
Reverse voltage
VR
5V
Forward current
IF
100
mA
Forward surge current
tp
≤ 100 μs
IFSM
500
mA
OUTPUT (DETECTOR)
Collector emitter breakdown voltage
V(BR)CEO
20
V
Emitter collector voltage
VECO
7V
Collector current
IC
20
mA
SENSOR
Total power dissipation
Tamb
≤ 25 °C
Ptot
170
mW
Ambient temperature range
Tamb
-25 to +85
°C
Storage temperature range
Tstg
-25 to +85
°C
Soldering temperature
In accordance with Fig. 11
Tsd
260
°C


Similar Part No. - VCNT2020_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
Reflective Optical Sensor with Transistor Output
19-Jan-18
More results

Similar Description - VCNT2020_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
Reflective Optical Sensor with Transistor Output
05-Apr-00
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
Reflective Optical Sensor with Transistor Output
27-May-99
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT5000 VISHAY-TCRT5000_09 Datasheet
313Kb / 12P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCNT2000 VISHAY-TCNT2000 Datasheet
116Kb / 6P
Reflective Optical Sensor with Transistor Output
17-Aug-12
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
Reflective Optical Sensor with Transistor Output
19-Jan-18
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
Reflective Optical Sensor With Transistor Output
16-Mar-2022
CNY70 VISHAY-CNY70_V01 Datasheet
246Kb / 11P
Reflective Optical Sensor with Transistor Output
30-Jul-12
TCRT1000 VISHAY-TCRT1000_V01 Datasheet
267Kb / 11P
Reflective Optical Sensor With Transistor Output
13-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com