Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584G80 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC584G80
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584G80 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC584G80 Datasheet HTML 3Page - STMicroelectronics SPC584G80 Datasheet HTML 4Page - STMicroelectronics SPC584G80 Datasheet HTML 5Page - STMicroelectronics SPC584G80 Datasheet HTML 6Page - STMicroelectronics SPC584G80 Datasheet HTML 7Page - STMicroelectronics SPC584G80 Datasheet HTML 8Page - STMicroelectronics SPC584G80 Datasheet HTML 9Page - STMicroelectronics SPC584G80 Datasheet HTML 10Page - STMicroelectronics SPC584G80 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 139 page
background image
DS11758 Rev 6
7/139
SPC584Gx, SPC58EGx, SPC58NGx
Description
13
2
Description
The SPC584Gx, SPC58EGx, SPC58NGx microcontroller belongs to a family of devices
superseding the SPC56x family. SPC584Gx, SPC58EGx, SPC58NGx build on the legacy of
the SPC5x family, while introducing new features coupled with higher throughput to provide
substantial reduction of cost per feature and significant power and performance
improvement (MIPS per mW).
2.1
Device feature summary
Table 2 lists a summary of major features for the SPC584Gx, SPC58EGx, SPC58NGx
device. The feature column represents a combination of module names and capabilities of
certain modules. A detailed description of the functionality provided by each on-chip module
is given later in this document.
Table 2. SPC584Gx, SPC58EGx, SPC58NGx features summary
Feature
Description
SPC58 family
40 nm
Computing Shell 0
Number of cores
up to 2
Number of checker cores
up to 1
Local RAM
16 KB instruction
64 KB data
Single precision floating point
Yes
SIMD (LSP)
No
VLE
Yes
Cache
8 KB instruction
4 KB data
Computing Shell 1
Number of cores
1
Number of checker cores
0
Local RAM
16 KB instruction
32 KB data
Single precision floating point
Yes
SIMD (LSP)
Yes
VLE
Yes
Cache
8 KB instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com