Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584G80 Datasheet(PDF) 125 Page - STMicroelectronics

Part # SPC584G80
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584G80 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button SPC584G80 Datasheet HTML 121Page - STMicroelectronics SPC584G80 Datasheet HTML 122Page - STMicroelectronics SPC584G80 Datasheet HTML 123Page - STMicroelectronics SPC584G80 Datasheet HTML 124Page - STMicroelectronics SPC584G80 Datasheet HTML 125Page - STMicroelectronics SPC584G80 Datasheet HTML 126Page - STMicroelectronics SPC584G80 Datasheet HTML 127Page - STMicroelectronics SPC584G80 Datasheet HTML 128Page - STMicroelectronics SPC584G80 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 139 page
background image
DS11758 Rev 6
125/139
SPC584Gx, SPC58EGx, SPC58NGx
Ordering information
127
6
Ordering information
Figure 54. Ordering information scheme
Memory
Core Product
Package
84
N
G
C3
Example code:
Product identifier
Q
SPC58
EH
Frequency
0
Silicon
Y
Packing
Custom
Security
version
revision
Y= Tray
X = Tape and Reel (pin1 top right)
0 = 1st version
1 = 2nd version
0 = No security and no ASIL-D
C = Security HW (HSM)
S = Safety (ASIL-D)
H = ASIL-D + Security HW (HSM)
0 = 8x ISO CAN FD, FlexRay
E = Ethernet 0
T = Ethernet 0 and 1
X = Extended feature (a)
E = 120 MHz at 105 oC
F = 160 MHz at 105 oC
G = 180 MHz at 105 oC
N = 120 MHz at 125 oC
P = 160 MHz at 125 oC
Q = 180 MHz at 125 oC
E7 = eLQFP176
E5 = eTQFP144
C3 = FPBGA292
84 = 6 MB
80 = 4 MB
G = SPC58NGx family
N = Triple computing e200z4 core
(CPU_2 + CPU_1 + CPU_0)
4 = Single computing e200z4 core
(CPU_2)
E = Dual computing e200z4 core
(CPU_2 + CPU_0)
SPC58 = Power Architecture in 40 nm
a: 2nd checker core, additional RAM, Microsecond channel, SENT bus.
Available extended feature are described in a customer specific addendum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com