Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584G80 Datasheet(PDF) 131 Page - STMicroelectronics

Part # SPC584G80
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584G80 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button SPC584G80 Datasheet HTML 127Page - STMicroelectronics SPC584G80 Datasheet HTML 128Page - STMicroelectronics SPC584G80 Datasheet HTML 129Page - STMicroelectronics SPC584G80 Datasheet HTML 130Page - STMicroelectronics SPC584G80 Datasheet HTML 131Page - STMicroelectronics SPC584G80 Datasheet HTML 132Page - STMicroelectronics SPC584G80 Datasheet HTML 133Page - STMicroelectronics SPC584G80 Datasheet HTML 134Page - STMicroelectronics SPC584G80 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 139 page
background image
DS11758 Rev 6
131/139
SPC584Gx, SPC58EGx, SPC58NGx
Revision history
138
06-Jul-2017
3 (cont’)
Table 22: External 40 MHz oscillator electrical specifications:
– Classification for parameters “CS_EXTAL” and “CS_EXTAL” changed
from “T” to “D”.
– Updated classification, conditions, min and max values for
parameter “gm”.
– Footnote “Ixatl is the oscillator...Test circuit is shown in Figure 8”
modified to “Ixatl is the oscillator...startup of the oscillator”.
– Minimum value of parameter “VIHEXT” updated from “VREF+0.6” to
“VREF+0.75”
– Maximum value of parameter “VILEXT” updated from “VREF-0.6” to
“VREF-0.75”
– Parameter “gm”, value “D” updated to “P” for “fXTAL < 8 MHz”, and
“D” for others.
– Footnote “This parameter is...100% tested” updated to “Applies to
an...to crystal mode”. Also added to parameter “VILEXT”.
– For parameters “VIHEXT” and “VILEXT”, Condition “–” updated to
“VREF = 0.29 * VDD_HV_IO_JTAG”
– Parameter “gm”, value “D” updated to “P” for “fXTAL < 8 MHz”, and
“D” for others.
– Footnote “This parameter is...100% tested” updated to “Applies to
an...to crystal mode”. Also added to parameter “VILEXT”.
– For parameters “VIHEXT” and “VILEXT”, Condition “–” updated to
“VREF = 0.29 * VDD_HV_IO_JTAG”
– Updated parameters CS_EXTAL and CS_XTAL.
Renamed the section “RC oscillator 1024 kHz” to Section 4.11.4: Low
power RC oscillator“
Table 23: 32 kHz External Slow Oscillator electrical specifications:
– For parameter “gmsxosc”, changed the cassification to “P”.
Table 24: Internal RC oscillator electrical specifications:
– For parameter “IFIRC”, replaced max value of 300 with 600.
– Added footnote to the description.
– For parameter IFIRC, changed the max value to 600 and added
– Min, Typ and Max value of ”
δfvar_SW” updated from “-1”, “-”, “1” to “-
0.5”, “+0.3” and “0.5” respectively.
Table 25: 1024 kHz internal RC oscillator electrical characteristics:
– For parameter “
δfvar_T”, and “δfvar_V“ changed the cassification to
“P”.
– For parameter “
δfvar_V”, minimum and maximum value updated
from “-0.05” and “+0.05” to “-5” and “+5”
Table 26: ADC pin specification:
–For ILKG, changed condition “C” to “—”.
– Added parameter “IINJ1”
– For parameter CP2, updated the max value to “1”.
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com