Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3916 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 73Page - STMicroelectronics ST25R3916 Datasheet HTML 74Page - STMicroelectronics ST25R3916 Datasheet HTML 75Page - STMicroelectronics ST25R3916 Datasheet HTML 76Page - STMicroelectronics ST25R3916 Datasheet HTML 77Page - STMicroelectronics ST25R3916 Datasheet HTML 78Page - STMicroelectronics ST25R3916 Datasheet HTML 79Page - STMicroelectronics ST25R3916 Datasheet HTML 80Page - STMicroelectronics ST25R3916 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 157 page
background image
DS12484 Rev 4
77/157
ST25R3916/7
Application information
156
4.5.7
ISO14443B settings register 1
Register space: A
Address: 06h
Type: RW
1
0
1
1
30
13
-
-
1
0
1
0
29
12
-
-
1
001
28
-
-
-
1
000
27
-
-
-
Table 28. ISO14443A modulation pulse width (continued)
p_len3
p_len2
p_len1
p_len0
Pulse width in number of 1 / fc for different bit rates
fc / 128
fc / 64
fc / 32
fc / 16
Table 29. ISO14443B settings register 1
Bit
Name
Default
Function
Comments
7
egt2
0
egt2
egt1
egt0
Number of etu
EGT defined in number of etu
00
0
0
6
egt1
0
00
1
1
5
egt0
0
11
0
6
11
1
6
4
sof_0
0
0: 10 etu
1: 11 etu
SOF, number of etu with logic 0
3
sof_1
0
0: 2 etu
1: 3 etu
SOF, number of etu with logic 1
2eof
0
0: 10 etu
1: 11 etu
EOF, number of etu with logic 0
1
half
0
0: SOF and EOF defined by sof_0, sof_1,
and eof bit
1: SOF 10.5 etu logic 0, 2.5 etu logic 1,
EOF: 10.5 etu logic 0
Sets SOF and EOF settings in middle of
specification.
0rx_st_om
0
0: Start/stop bit must be present for Rx
1: Start/stop bit omission for Rx
SOF fixed to 10 low and 2 etu high, EOF
not defined, put in FIFO last full byte
.
CRC is not checked in this mode.
Supported only in a coherent reception
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com