Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7294 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST7294
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7294 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST7294 Datasheet HTML 40Page - STMicroelectronics ST7294 Datasheet HTML 41Page - STMicroelectronics ST7294 Datasheet HTML 42Page - STMicroelectronics ST7294 Datasheet HTML 43Page - STMicroelectronics ST7294 Datasheet HTML 44Page - STMicroelectronics ST7294 Datasheet HTML 45Page - STMicroelectronics ST7294 Datasheet HTML 46Page - STMicroelectronics ST7294 Datasheet HTML 47Page - STMicroelectronics ST7294 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
44/69
ST7294
7 GENERAL INFORMATION
7.1 PACKAGE MECHANICAL DATA
Figure 23. 28-Plastic Dual In Line Package, 600-mil Width
Figure 24. 28-Lead Small Outline Package, 300-mil Width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.2
4.8
0.086
0.189
A1
0.51
1.77 0.010
0.069
B
0.38
0.58 0.015
0.023
B1
0.97
1.52 0.055
0.065
C
0.2
0.3
0.008
0.009
D
35.06
36.22 1.400
1.425
D1
–––
––
E
16.3
0.641
E1
12.9
0.508
K1
–––
––
K2
–––
––
L
3.18
4.44
1.25
0.174
e1
2.54
0.10
Number of Pins
N28
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.05
2.55 0.081
0.10
A1
0.1
0.3
0.004
.0118
B
0.35
0.49 .0138
.0192
C
0.23
0.32 .0091
.0125
D
17.7
18.1 .6969
.7125
D1
–––
––
E
10.0
10.65 0.394
0.419
E1
7.40
7.60 .2914
.2992
E2
–––
––
L
0.40
1.27 0.016
0.050
e1
1.27
0.05
Number of Pins
N28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com