Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7293C3B6 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST7293C3B6
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B6 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST7293C3B6 Datasheet HTML 55Page - STMicroelectronics ST7293C3B6 Datasheet HTML 56Page - STMicroelectronics ST7293C3B6 Datasheet HTML 57Page - STMicroelectronics ST7293C3B6 Datasheet HTML 58Page - STMicroelectronics ST7293C3B6 Datasheet HTML 59Page - STMicroelectronics ST7293C3B6 Datasheet HTML 60Page - STMicroelectronics ST7293C3B6 Datasheet HTML 61Page - STMicroelectronics ST7293C3B6 Datasheet HTML 62Page - STMicroelectronics ST7293C3B6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
59/69
ST72E94 - ST72T94
3.1 PACKAGE MECHANICAL DATA
Figure 4. 28-Ceramic Dual In Line Package, 600-mil Width
3.2 ORDERING INFORMATION
ORDERING INFORMATION TABLE
Sales Types
ROM Size
Temperature
Range
Package
ST72T94C6B6
6K
-40
°C to +85°C
PDIP28
ST72T94C6M6
PSO28
ST72E94C6F0
25
°C
CDIP28
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
5.71
0.225
A1
0.50
1.78 0.020
0.070
B
0.40
0.55 0.016
0.022
B1
1.17
1.42 0.046
0.056
C
0.22
0.31 0.009
0.012
D
38.10
1.50
D1
1.52
2.49 0.060
0.098
E
---
---
E1
13.05
13.36 0.514
0.526
L
3.00
0.118
e1
2.29
2.79 0.090
0.110
∅
6.86
7.36 0.270
0.290
Number of Pins
N28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com