Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7293C3M6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7293C3M6
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3M6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7293C3M6 Datasheet HTML 7Page - STMicroelectronics ST7293C3M6 Datasheet HTML 8Page - STMicroelectronics ST7293C3M6 Datasheet HTML 9Page - STMicroelectronics ST7293C3M6 Datasheet HTML 10Page - STMicroelectronics ST7293C3M6 Datasheet HTML 11Page - STMicroelectronics ST7293C3M6 Datasheet HTML 12Page - STMicroelectronics ST7293C3M6 Datasheet HTML 13Page - STMicroelectronics ST7293C3M6 Datasheet HTML 14Page - STMicroelectronics ST7293C3M6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
11/69
ST7294
CLOCK SYSTEM (Continued)
3.1.3 Ceramic Resonator
A ceramic resonator may be used in place of the
crystal in low cost applications. The circuit on Fig-
ure 8 is recommended when using a ceramic res-
onator. The table lists the recommended capaci-
tance and feedback resistance values. The manu-
facturer of the particular ceramic resonator being
considered should be consulted for specific infor-
mation.
3.1.4 External Clock
An external clock should be applied to the OSCin
input with the OSCout pin not connected, as
shown on Figure 6. The t
OXOV and tILCH specifica-
tions do not apply when using an external clock in-
put. The equivalent specification of the external
clock source should be used instead of t
OXOV or
t
ILCH.
Table 2. Recommended Settings for Crystal
Table 3. Recommended Settings for Ceramic
Resonator
2MHz
4MHz
Unit
RSMAX
400
75
W
C
0
57
pF
C1
812
nF
COSCin
15-40
15-30
pF
COSCout
15-30
15-25
pF
RP
10
10
M
Ω
Q30
40
103
2-4MHz
Unit
RSMAX
10
W
C0
40
pF
C1
4.3
nF
COSCin
30
pF
COSCout
30
pF
RP
1-10
M
Ω
Q
1250
3.2 MISCELLANEOUS REGISTER
Miscellaneous Register (000Ch)
Register Address: 08h
—
Read/Write
Reset Value: 0001 000 (10h)
This is a miscellaneous 8-bit register, of which
only 4 bits are used for interrupt, slow mode and
Watchdog purposes.
b7, b4-b2 = Unused
b6 = INTP:
External Interrupt Positive allows se-
lection of the INT line triggering mode in conjunc-
tion with INTN. It can only be modified when the I
bit of the CC Register is set.
b5 = ININ:
External Interrupt Negative allows se-
lection the INT line triggering mode in conjunction
with INTP. It can only be modified when the I bit of
the CC Register is set.
b1 = SM:
Slow Mode. Setting this bit to 1 enables
Slow Mode, thus reducing power consumption. In
this mode, an extra divide-by-16 is added in the
clock circuitry.
b0 = WDOG:
Watchdog System. Whatever the
WATCHDOG ENABLE MODE mask option, the
watchdog counter is reset when WDOG is set to 1.
When the MCU is configured with the “program-
mable enable” option, the WDOG bit is low follow-
ing a reset. The bit must be set to enable the
watchdog system. Only a reset can clear WDOG.
70
-
INTP
INTN
-
-
-
SM
WDOG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com